Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148DV30LL-55ZSXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62148DV30LL-55ZSXI
Description  4-Mbit (512K x 8) MoBL짰 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30LL-55ZSXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62148DV30LL-55ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30LL-55ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY62148DV30
Document #: 38-05341 Rev. *D
Page 4 of 10
Capacitance (for all packages)[8]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance
Parameter
Description
Test Conditions
VFBGA
TSOP II
SOIC
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 x 4.5
inch, four-layer printed circuit
board
72
75.13
55
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
8.86
8.95
22
°C/W
AC Test Loads and Waveforms
Parameters
2.5V (2.2V – 2.7V)
3.0V (2.7V – 3.6V)
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min Typ[4] Max Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC = 1.5V, CE > VCC − 0.2V,
VIN > VCC − 0.2V or VIN < 0.2V
Ind’l
L
9
µA
Ind’l/Auto-A LL
6
µA
tCDR[8]
Chip Deselect to Data Retention Time
0
ns
tR[9]
Operation Recovery Time
tRC
ns
Data Retention Waveform
VCC
VCC
OUTPUT
R2
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
VTH
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Fall time: 1 V/ns
Rise Time: 1 V/ns
1.5V
1.5V
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE
VCC
Notes:
8. Tested initially and after any design or process changes that may affect these parameters.
9. Full Device AC operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.


Similar Part No. - CY62148DV30LL-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30LL-55ZSXI CYPRESS-CY62148DV30LL-55ZSXI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
More results

Similar Description - CY62148DV30LL-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30 CYPRESS-CY62148DV30_07 Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62157DV30 CYPRESS-CY62157DV30_06 Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com