Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3650EMSE-4.2TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3650EMSE-4.2TRPBF
Description  High Voltage 2 Amp Monolithic Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3650EMSE-4.2TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3650EMSE-4.2TRPBF Datasheet HTML 4Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 5Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 6Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 7Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 8Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 9Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 10Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 11Page - Linear Technology LT3650EMSE-4.2TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3650-4.1/LT3650-4.2
8
36504142fb
BLOCK DIAGRAM
365042 BD
+
+
+
+
+
TIMER
10mΩ
35V
0.1V
OFFSET
2.9V
1.2V
4.6V
RESET
ENABLE
COUNT
RESET
C/10
PRECONDITION
1.36V
0.29V
46μA
CLP
BOOST
VIN
SW
SENSE
BAT
RNG/SS
NTC
VINT
2.7V
1.3V
SSRESET
1V
0.15V
1.2V
4.2V*
4.1V**
TERMINATE
* VBAT(FLT): 4.2V FOR LT3650-4.2, 4.1V FOR LT3650-4.1
** VBAT(FLT) – ΔVRECHRG: 4.1V FOR LT3650-4.2, 4.0 FOR LT3650-4.1
50μA
0.7V
CONTROL LOGIC
RIPPLE
COUNTER
STATUS
TIMER
OSC.
NTC
0.2V
125°C
COUNT
COUNT
OSC
1MHz
LATCH
RS
RS
C-EA
50μA
30mV
x2.25
10
RS
0.3V
VC
TDIE
ITH
MODE
(TIMER OR C/10)
TERMINATE
R
Q
S
SSRESET
50mV
UVLO
OVLO
+
FAULT
CHRG
STANDBY
SHDN
V-EA
+
+
STANDBY
STANDBY


Similar Part No. - LT3650EMSE-4.2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650 LINER-LT3650 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3650 LINER-LT3650 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3650 LINER-LT3650 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3650-4.1 AD-LT3650-4.1 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Linear Technology
LT3650-4.1 LINER-LT3650-4.1 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
More results

Similar Description - LT3650EMSE-4.2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650-4.2 LINER-LT3650-4.2_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-4.1 LINER-LT3650-4.1_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-8.4 LINER-LT3650-8.4_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3650-8.2 LINER-LT3650-8.2_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3651-8.4 LINER-LT3651-8.4_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com