Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148DV30L-55ZSXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62148DV30L-55ZSXI
Description  4-Mbit (512K x 8) MoBL짰 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30L-55ZSXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62148DV30L-55ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30L-55ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-Mbit (512K x 8) MoBL® Static RAM
CY62148DV30
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05341 Rev. *D
Revised January 25, 2007
Features
• Temperature Ranges
— Industrial: –40°C to 85°C
— Automotive-A: –40°C to 85°C
• Very high speed: 55 ns
— Wide voltage range: 2.20V – 3.60V
• Pin-compatible with CY62148CV25, CY62148CV30 and
CY62148CV33
• Ultra low active power
— Typical active current: 1.5 mA @ f = 1 MHz
— Typical active current: 8 mA @ f = fmax(55-ns speed)
• Ultra low standby power
• Easy memory expansion with CE, and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Available in Pb-free and non Pb-free 36-ball VFBGA,
Pb-free 32-pin TSOPII and 32-pin SOIC packages
Functional Description[1]
The CY62148DV30 is a high-performance CMOS static RAM
organized as 512K words by 8 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life™ (MoBL®) in
portable applications such as cellular telephones. The device
also has an automatic power-down feature that significantly
reduces power consumption. The device can be put into
standby mode reducing power consumption when deselected
(CE HIGH).The eight input and output pins (IO0 through IO7)
are placed in a high-impedance state when:
• Deselected (CE HIGH)
• Outputs are disabled (OE HIGH)
• When the write operation is active(CE LOW and WE LOW)
Write to the device by taking Chip Enable (CE) and Write
Enable (WE) inputs LOW. Data on the eight IO pins (IO0
through IO7) is then written into the location specified on the
address pins (A0 through A18).
Read from the device by taking Chip Enable (CE) and Output
Enable (OE) LOW while forcing Write Enable (WE) HIGH.
Under these conditions, the contents of the memory location
specified by the address pins will appear on the IO pins.
Logic Block Diagram
A1
COLUMN
DECODER
Data in Drivers
POWER
DOWN
WE
OE
IO 0
IO 1
IO 2
IO 3
512K x 8
ARRAY
IO 7
IO 6
IO 5
IO 4
A0
CE
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
Note:
1. For best practice recommendations, refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.


Similar Part No. - CY62148DV30L-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30L-55ZSXI CYPRESS-CY62148DV30L-55ZSXI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
More results

Similar Description - CY62148DV30L-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30 CYPRESS-CY62148DV30_07 Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62157DV30 CYPRESS-CY62157DV30_06 Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com