Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148DV30 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62148DV30
Description  4-Mbit (512K x 8) MoBL짰 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62148DV30 Datasheet HTML 1Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 2Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 3Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 4Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY62148DV30
Document #: 38-05341 Rev. *D
Page 3 of 10
Maximum Ratings
(Exceeding maximum ratings may impair the useful life of the
device. For user guidelines, not tested.)
Storage Temperature ..................................–65°C to +150°C
Ambient Temperature with
Power Applied...............................................55°C to +125°C
Supply Voltage to Ground
Potential ......................................... –0.3V to VCC(max) + 0.3V
DC Voltage Applied to Outputs
in High-Z State[5, 6]......................... –0.3V to VCC(max) + 0.3V
DC Input Voltage[5, 6] ..................... –0.3V to VCC(max) + 0.3V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Product
Range
Ambient
Temperature
VCC[7]
CY62148DV30L
Industrial
–40°C to +85°C 2.2V to
3.6V
CY62148DV30LL
CY62148DV30LL Automotive-A –40°C to +85°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
55 ns
70 ns
Unit
Min Typ[4] Max
Min Typ[4] Max
VOH
Output HIGH
Voltage
IOH = –0.1 mA VCC = 2.20V
2.0
2.0
V
IOH = –1.0 mA VCC = 2.70V
2.4
2.4
V
VOL
Output LOW
Voltage
IOL = 0.1 mA
VCC = 2.20V
0.4
0.4
V
IOL = 2.1 mA
VCC = 2.70V
0.4
0.4
V
VIH
Input HIGH
Voltage
VCC = 2.2V to 2.7V
1.8
VCC+
0.3V
1.8
VCC+
0.3V
V
VCC= 2.7V to 3.6V
2.2
VCC+
0.3V
2.2
VCC+
0.3V
V
VIL
Input LOW
Voltage
VCC = 2.2V to 2.7V
–0.3
0.6
–0.3
0.6
V
VCC= 2.7V to 3.6V
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
f = fmax = 1/tRC VCC = VCC(max)
IOUT = 0 mA
CMOS levels
Ind’l L
8
15
mA
Ind’l LL
8
10
8
10
mA
Auto-A LL
8
10
mA
f = 1 MHz
Ind’l L
1.5
3
mA
Ind’l LL
1.5
3
1.5
3
mA
Auto-A LL
1.5
3
mA
ISB1
Automatic CE
Power-down
Current —
CMOS Inputs
CE > VCC−0.2V,
VIN>VCC–0.2V, VIN<0.2V)
f = fmax (Address and Data Only),
f = 0 (OE, and WE), VCC=3.60V
Ind’l L
2
12
µA
Ind’l LL
2
8
2
8
Auto-A LL
2
8
ISB2
Automatic CE
Power-down
Current —
CMOS Inputs
CE > VCC – 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = 3.60V
Ind’l L
2
12
µA
Ind’l LL
2
8
2
8
Auto-A LL
2
8
Notes:
5. VIL(min) = –2.0V for pulse durations less than 20 ns.
6. VIH(max) = VCC+0.75V for pulse durations less than 20 ns.
7. Full device AC operation assumes a 100
µs ramp time from 0 to VCC(min) and 200 µs wait time after VCC stabilization.


Similar Part No. - CY62148DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30 CYPRESS-CY62148DV30 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62148DV30L CYPRESS-CY62148DV30L Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30L-55ZSXI CYPRESS-CY62148DV30L-55ZSXI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL CYPRESS-CY62148DV30LL Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL CYPRESS-CY62148DV30LL Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
More results

Similar Description - CY62148DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30 CYPRESS-CY62148DV30_07 Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62157DV30 CYPRESS-CY62157DV30_06 Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com