Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128BNLL-70SXA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62128BNLL-70SXA
Description  1-Mbit (128K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BNLL-70SXA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62128BNLL-70SXA Datasheet HTML 1Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 2Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 3Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 4Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 5Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 6Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 7Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 8Page - Cypress Semiconductor CY62128BNLL-70SXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY62128BN
MoBL®
Document #: 001-06498 Rev. *A
Page 5 of 12
Switching Characteristics[7] Over the Operating Range
Parameter
Description
CY62128BN-55
CY62128BN-70
Unit
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
5
ns
tACE
CE1 LOW to Data Valid, CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
20
35
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z[7, 9]
20
25
ns
tLZCE
CE1 LOW to Low Z, CE2 HIGH to Low Z
[9]
55
ns
tHZCE
CE1 HIGH to High Z, CE2 LOW to High Z
[8, 9]
20
25
ns
tPU
CE1 LOW to Power-up, CE2 HIGH to Power-up
0
0
ns
tPD
CE1 HIGH to Power-down, CE2 LOW to Power-down
55
70
ns
WRITE CYCLE[10]
tWC
Write Cycle Time
55
70
ns
tSCE
CE1 LOW to Write End, CE2 HIGH to Write End
45
60
ns
tAW
Address Set-up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
45
50
ns
tSD
Data Set-up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low Z[9]
55
ns
tHZWE
WE LOW to High Z[8, 9]
20
25
ns
Switching Waveforms
Read Cycle No.1[11, 12]
Notes:
7. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 100-pF load capacitance.
8. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
10. The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. CE1 and WE must be LOW and CE2 HIGH to initiate a
write, and the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the
signal that terminates the write.
11. Device is continuously selected. OE, CE1 = VIL, CE2 = VIH.
12. WE is HIGH for read cycle.
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
[+] Feedback


Similar Part No. - CY62128BNLL-70SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BNLL-70SXA CYPRESS-CY62128BNLL-70SXA Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128BNLL-70SXA CYPRESS-CY62128BNLL-70SXA Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BNLL-70SXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com