Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3650EDD-4.2PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3650EDD-4.2PBF
Description  High Voltage 2 Amp Monolithic Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3650EDD-4.2PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3650EDD-4.2PBF Datasheet HTML 3Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 4Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 5Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 6Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 7Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 8Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 9Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 10Page - Linear Technology LT3650EDD-4.2PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3650-4.1/LT3650-4.2
7
36504142fb
(full charge current) is the desired soft-start interval (tSS).
For no RRNG/SS, this capacitor value follows the relation:
CA t
RNG SS
SS
/
= 50μ
The RNG/SS pin is pulled low during fault conditions,
allowing graceful recovery from faults should soft-start
functionality be implemented. Both the soft-start capaci-
tor and the programming resistor can be implemented in
parallel. All C/10 monitoring functions are disabled while
VRNG/SS is below 0.1V to accommodate long soft-start
intervals.
RNG/SS voltage can also be manipulated using an active
device, employing a pull-down transistor to disable charge
current or to dynamically servo maximum charge current.
Manipulation of the RNG/SS pin with active devices that
have low impedance pull-up capability is not allowed (see
the Applications Information section).
NTC (Pin 8): Battery Temperature Monitor Pin. This pin
is the input to the NTC (negative temperature coefficient)
thermistor temperature monitoring circuit. This function is
enabled by connecting a 10k
Ω, B = 3380 NTC thermistor
from the NTC pin to ground. The pin sources 50μA, and
monitors the voltage across the 10k
Ω thermistor. When
the voltage on this pin is above 1.36V (T < 0°C) or below
0.29V (T > 40°C), charging is disabled and the CHRG and
FAULT pins are both pulled low. If internal timer termina-
tion is being used, the timer is paused, suspending the
charging cycle. Charging resumes when the voltage on NTC
returns to within the 0.29V to 1.36V active region. There
is approximately 5°C of temperature hysteresis associated
with each of the temperature thresholds. The temperature
monitoring function remains enabled while thermistor
resistance to ground is less than 250k
Ω, so if this function
is not desired, leave the NTC pin unconnected.
BAT (Pin 9): Battery Voltage Monitor Pin. Connect 10μF
decoupling capacitance (CBAT) from this pin to ground.
Depending on application requirements, larger value
decoupling capacitors may be required (see the Applica-
tion Information section). The charge function operates to
achieve the final float voltage at this pin. The auto-restart
feature initiates a new charging cycle when the voltage at
the BAT pin falls 2.5% below this float voltage. Once the
charge cycle is terminated, the input bias current of the
BAT pin is reduced to <0.1μA, to minimize battery discharge
while the charger remains connected.
SENSE (Pin 10): Charge Current Sense Pin. Connect the
more positive voltage end of the inductor sense resistor
(RSENSE) to the SENSE pin and the other end to the BAT
pin. The voltage across this resistor sets the average
charge current. The maximum average charge current
(IMAX) corresponds to 100mV across the sense resistor.
This resistor can be set to program maximum charge
currents as high as 2A. The sense resistor value follows
the relation:
R
V
I
SENSE
MAX
=
01
.
Once the charge cycle is terminated, the input bias current
of the SENSE pin is reduced to <0.1μA, to minimize battery
discharge while the charger remains connected.
BOOST (Pin 11): Bootstrapped Supply Rail for Switch
Drive. This pin facilitates saturation of the switch transistor.
Connect a 1μF or greater capacitor from the BOOST pin
to the SW pin. Operating range of this pin is 0V to 4.5V,
referenced to the SW pin. The voltage on the decoupling
capacitor is refreshed through a rectifying diode, with
the anode connected to either the battery output voltage
or an external source, and the cathode connected to the
BOOST pin.
SW (Pin 12): Switch Output Pin. This pin is the output
of the charger switch, and corresponds to the emitter of
the switch transistor. When enabled, the switch shorts
the SW pin to the VIN supply. The drive circuitry for this
switch is bootstrapped above the VIN supply using the
BOOST supply pin, allowing saturation of the switch for
maximum efficiency. The effective on-resistance of the
boosted switch is 0.175
Ω.
SGND (Pin 13): Ground Reference and Backside Exposed
Lead Frame Thermal Connection. Solder the exposed lead
frame to the PCB ground plane.
PIN FUNCTIONS


Similar Part No. - LT3650EDD-4.2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650 LINER-LT3650 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3650 LINER-LT3650 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3650 LINER-LT3650 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3650-4.1 AD-LT3650-4.1 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Linear Technology
LT3650-4.1 LINER-LT3650-4.1 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
More results

Similar Description - LT3650EDD-4.2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650-4.2 LINER-LT3650-4.2_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-4.1 LINER-LT3650-4.1_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-8.4 LINER-LT3650-8.4_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3650-8.2 LINER-LT3650-8.2_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3651-8.4 LINER-LT3651-8.4_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com