Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138F Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62138F
Description  2-Mbit (256K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138F Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62138F_09 Datasheet HTML 1Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 2Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 3Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 4Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 5Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 6Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 7Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 8Page - Cypress Semiconductor CY62138F_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Document #: 001-13194 Rev. *A
Page 4 of 10
CY62138F MoBL®
AC Test Loads and Waveforms
Parameters
5.0V
Unit
R1
1800
R2
990
RTH
639
VTH
1.77
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min
Typ [3]
Max
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR [7]
Data Retention Current
VCC= VDR, CE1 > VCC − 0.2V or CE2 < 0.2V,
VIN > VCC - 0.2V or VIN < 0.2V
15
µA
tCDR [8]
Chip Deselect to Data
Retention Time
0ns
tR [9]
Operation Recovery Time
tRC
ns
Data Retention Waveform [10]
3.0V
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THEVENIN
EQUIVALENT
ALL INPUT PULSES
RTH
R1
VCC(min)
VCC(min)
tCDR
VDR > 2.0V
DATA RETENTION MODE
tR
VCC
CE
Notes:
9. Full device AC operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
10. CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW, CE is HIGH.
[+] Feedback


Similar Part No. - CY62138F_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FLL CYPRESS-CY62138FLL Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
628Kb / 16P
   2-Mbit (256 K x 8) Static RAM
More results

Similar Description - CY62138F_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com