Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3650IDD-4.1PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3650IDD-4.1PBF
Description  High Voltage 2 Amp Monolithic Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3650IDD-4.1PBF Datasheet(HTML) 2 Page - Linear Technology

  LT3650IDD-4.1PBF Datasheet HTML 1Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 2Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 3Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 4Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 5Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 6Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 7Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 8Page - Linear Technology LT3650IDD-4.1PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3650-4.1/LT3650-4.2
2
36504142fb
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................................40V
SHDN, CHRG, FAULT............................... VIN + 0.5V, 40V
CLP ......................................................... VIN ± 0.5V, 40V
SW ............................................................................40V
SW-VIN.....................................................................4.5V
BOOST .....................................................SW + 10V, 50V
SENSE, BAT ..............................................................10V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3650EDD-4.1#PBF
LT3650EDD-4.1#TRPBF
LFGQ
12-Lead Plastic DFN (3mm
× 3mm)
–40°C to 85°C
LT3650IDD-4.1#PBF
LT3650IDD-4.1#TRPBF
LFGQ
12-Lead Plastic DFN (3mm
× 3mm)
–40°C to 85°C
LT3650EDD-4.2#PBF
LT3650EDD-4.2#TRPBF
LDDS
12-Lead Plastic DFN (3mm
× 3mm)
–40°C to 85°C
LT3650IDD-4.2#PBF
LT3650IDD-4.2#TRPBF
LDDS
12-Lead Plastic DFN (3mm
× 3mm)
–40°C to 85°C
LT3650EMSE-4.1#PBF
LT3650EMSE-4.1#TRPBF
365041
12-Lead Plastic MSOP
–40°C to 85°C
LT3650IMSE-4.1#PBF
LT3650IMSE-4.1#TRPBF
365041
12-Lead Plastic MSOP
–40°C to 85°C
LT3650EMSE-4.2#PBF
LT3650EMSE-4.2#TRPBF
365042
12-Lead Plastic MSOP
–40°C to 85°C
LT3650IMSE-4.2#PBF
LT3650IMSE-4.2#TRPBF
365042
12-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SENSE-BAT ............................................... –0.5V to 0.5V
TIMER, RNG/SS, NTC ..............................................2.5V
Operating Junction Temperature Range
(Note 2)..................................................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSE .................................................................. 300°C
TOP VIEW
DD PACKAGE
12-LEAD (3mm
3mm) PLASTIC DFN
12
11
8
9
10
4
5
13
3
2
1
SW
BOOST
SENSE
BAT
NTC
RNG/SS
VIN
CLP
SHDN
CHRG
FAULT
TIMER
6
7
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
VIN
CLP
SHDN
CHRG
FAULT
TIMER
12
11
10
9
8
7
SW
BOOST
SENSE
BAT
NTC
RNG/SS
TOP VIEW
13
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION


Similar Part No. - LT3650IDD-4.1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650 LINER-LT3650 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3650 LINER-LT3650 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3650 LINER-LT3650 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3650-4.1 AD-LT3650-4.1 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Linear Technology
LT3650-4.1 LINER-LT3650-4.1 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
More results

Similar Description - LT3650IDD-4.1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650-4.2 LINER-LT3650-4.2_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-4.1 LINER-LT3650-4.1_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-8.4 LINER-LT3650-8.4_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3650-8.2 LINER-LT3650-8.2_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3651-8.4 LINER-LT3651-8.4_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com