Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3650EDD-4.1PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3650EDD-4.1PBF
Description  High Voltage 2 Amp Monolithic Li-Ion Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3650EDD-4.1PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3650EDD-4.1PBF Datasheet HTML 7Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 8Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 9Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 10Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 11Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 12Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 13Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 14Page - Linear Technology LT3650EDD-4.1PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3650-4.1/LT3650-4.2
11
36504142fb
VIN Input Supply
The LT3650 is biased directly from the charger input
supply through the VIN pin. This supply provides large
switched currents, so a high quality, low ESR decoupling
capacitor is recommended to minimize voltage glitches
on VIN. The VIN decoupling capacitor (CVIN) absorbs all
input switching ripple current in the charger, so it must
have an adequate ripple current rating. RMS ripple current
(ICVIN(RMS)) is:
II
V
V
V
V
CVIN RMS
CHG MAX
BAT
IN
IN
BAT
()
()
~
••
⎝⎜
⎠⎟
⎣⎣
⎥ −
1
1
2
which has a maximum at VIN = 2 • VBAT, where:
ICVIN(RMS) = ICHG(MAX)/2
The simple worst-case of 1/2 • ICHG(MAX) is commonly
used for design.
Bulk capacitance is a function of desired input ripple volt-
age (
ΔVIN), and follows the relation:
CI
VV
V
F
IN BULK
MAX
BAT
IN
IN
()
/
()
=
⎝⎜
⎠⎟
Δ
μ
10μF is typically adequate for most charger applications.
BOOST Supply
The BOOST bootstrapped supply rail drives the internal
switch and facilitates saturation of switch transistor. Oper-
ating range of the BOOST pin is 0V to 4.5V, as referenced
to the SW pin. Connect a 1μF or greater capacitor from
the BOOST pin to the SW pin.
The voltage on the decoupling capacitor is refreshed
through a diode, with the anode connected to/from either
the battery output voltage or an external source, and the
cathode connected to the BOOST pin. Rate the diode av-
erage current greater than 0.1A, and its reverse voltages
greater than VIN(MAX).
VIN/ BOOST Start-Up Requirement
The LT3650 operates with a VIN range of 4.75V to 32V,
however, a start-up voltage requirement exists due to
the nature of the nonsynchronous step-down switcher
topology used for the charger. If there is no BOOST supply
available, the internal switch requires (VIN – VSW) > 3V
to operate. This requirement does not exist if the BOOST
supply is available and (VBOOST – VSW) > 2V.
When an LT3650 charger is not switching, the SW pin is at
the same potential as the battery, which can be as high as
VBAT(FLT). For reliable start-up, the VIN supply must be at
least 3V above the SW pin. The minimum start-up speci-
fication of VIN at or above 7.5V provides ample margin to
satisfy this requirement. Once switching begins, the BOOST
supply capacitor gets charged such that (VBOOST – VSW)
> 2V, and the VIN requirement no longer applies.
In low VIN applications, the BOOST supply can be powered
by an external source for start-up, eliminating the VIN
start-up requirement.
VBAT Output Decoupling
An LT3650 charger output requires bypass capacitance
connected from the BAT pin to ground (CBAT). A 10μF ce-
ramic capacitor is required for all applications. In systems
where the battery can be disconnected from the charger
output, additional bypass capacitance may be desired for
visual indication of a no-battery condition (see the Status
Pins section).
If it is desired to operate a system load from the LT3650
charger output when the battery is disconnected, additional
bypass capacitance is required. In this type of application
with the charger being used as a DC/DC converter, exces-
sive ripple and/or low amplitude oscillations can occur
without additional output bulk capacitance. For these ap-
plications, place a 100μF low ESR nonceramic capacitor
(chip tantalum or organic semiconductor capacitors such
as Sanyo OS-CONs or POSCAPs) from BAT to ground,
in parallel with the 10μF ceramic bypass capacitor. This
additional bypass capacitance may also be required in
systems where the battery is connected to the charger
through long wires. The voltage rating on CBAT must meet
or exceed the battery float voltage.
APPLICATIONS INFORMATION


Similar Part No. - LT3650EDD-4.1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650 LINER-LT3650 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3650 LINER-LT3650 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3650 LINER-LT3650 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3650-4.1 AD-LT3650-4.1 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Linear Technology
LT3650-4.1 LINER-LT3650-4.1 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
More results

Similar Description - LT3650EDD-4.1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3650-4.2 LINER-LT3650-4.2_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-4.1 LINER-LT3650-4.1_15 Datasheet
281Kb / 22P
   High Voltage 2 Amp Monolithic Li-Ion Battery Charger
LT3650-8.4 LINER-LT3650-8.4_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3650-8.2 LINER-LT3650-8.2_15 Datasheet
283Kb / 22P
   High Voltage 2 Amp Monolithic 2-Cell Li-Ion Battery Charger
LT3651-8.4 LINER-LT3651-8.4_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LT3651-8.2 LINER-LT3651-8.2_15 Datasheet
351Kb / 24P
   Monolithic 4A High Voltage 2-Cell Li-Ion Battery Charger
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com