Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309CZXI-1 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2309CZXI-1
Description  3.3V Zero Delay Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309CZXI-1 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2309CZXI-1 Datasheet HTML 1Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 2Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 3Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 4Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 5Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 6Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 7Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 8Page - Cypress Semiconductor CY2309CZXI-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *H
Page 4 of 12
Absolute Maximum Conditions
Supply Voltage to Ground Potential................–0.5V to +4.6V
DC Input Voltage (Except REF) ............ –0.5V to VDD + 0.5V
DC Input Voltage REF ........................... –0.5V to VDD + 0.5V
Storage Temperature ................................. –65°C to +150°C
Junction Temperature ................................................. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ........................... > 2,000V
Operating Conditions for CY2305CSXC-XX and CY2309CSXC-XX
Operating Conditions table for CY2305CSXC-XX and CY2309CSXC-XX Commercial Temperature Devices.
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input Capacitance
7
pF
tPU
Power up time for all VDDs to reach minimum specified voltage
(power ramps are monotonic)
0.05
50
ms
Operating Conditions for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX
Operating conditions table for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX Industrial / Automotive-A Temperature
Devices.
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
–40
85
°C
CL
Load Capacitance, below 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input Capacitance
7
pF
tPU
Power up time for all VDDs to reach minimum specified voltage
(power ramps are monotonic)
0.05
50
ms
Electrical Characteristics for CY2305CSXC-XX and CY2309CSXC-XX
Electrical Characteristics table for CY2305CSXC-XX and CY2309CSXC-XX Commercial Temperature Devices.
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage[5]
–0.3
0.8
V
VIH
Input HIGH Voltage[5]
2.0
VDD + 0.3
V
IIL
Input LOW Current
VIN = 0V
50
μA
IIH
Input HIGH Current
VIN = VDD
–100
μA
VOL
Output LOW Voltage[6]
IOL = 8 mA (–1)
IOH = 12 mA (–1H)
–0.4
V
VOH
Output HIGH Voltage[6]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode)
Power Down Supply Current
REF = 0 MHz
12
μA
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
–32
mA
Notes
5. .REF input has a threshold voltage of VDD/2.
6. Parameter is guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback
[+] Feedback


Similar Part No. - CY2309CZXI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309CZXI-1 CYPRESS-CY2309CZXI-1 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2309CZXI-1H CYPRESS-CY2309CZXI-1H Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2309CZXI-1HT CYPRESS-CY2309CZXI-1HT Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2309CZXI-1T CYPRESS-CY2309CZXI-1T Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
More results

Similar Description - CY2309CZXI-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com