Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22150KFZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22150KFZXI
Description  One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22150KFZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22150KFZXI Datasheet HTML 1Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 2Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 3Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 4Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 5Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 6Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 7Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 8Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CY22150
One-PLL General-Purpose
Flash-Programmable and 2-Wire Serially
Programmable Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07104 Rev. *I
Revised January 23, 2009
Features
Integrated phase-locked loop (PLL)
Commercial and industrial operation
Flash programmable
Field programmable
Two-wire serial programming interface
Low skew, low jitter, high accuracy outputs
3.3V operation with 2.5V output option
16-pin TSSOP
Benefits
Internal PLL to generate six outputs up to 200 MHz. Able to
generate custom frequencies from an external crystal or
a driven source.
Performance guaranteed for applications that require an
extended temperature range.
Nonvolatile reprogrammable technology allows easy customi-
zation, quick turnaround on design changes and product perfor-
mance enhancements, and better inventory control. Parts can
be reprogrammed up to 100 times, reducing inventory of
custom parts and providing an easy method for upgrading
existing designs.
The CY22150 can be programmed at the package level.
In-house programming of samples and prototype quantities is
available using the CY3672 FTG Development Kit. Production
quantities are available through Cypress’s value added distri-
bution partners or by using third party programmers from BP
Microsystems‰, HiLo Systems‰, and others.
The CY22150 provides an industry standard interface for
volatile, system level customization of unique frequencies and
options. Serial programming and reprogramming allows quick
design changes and product enhancements, eliminates
inventory of old design parts, and simplifies manufacturing.
High performance suited for commercial, industrial,
networking, telecom, and other general purpose applications.
Application compatibility in standard and low power systems.
Industry standard packaging saves on board space.
Part Number
Outputs
Input Frequency Range
Output Frequency Range
Specifications
CY22150FC
6
8 MHz to 30 MHz (external crystal)
1 MHz to 133 MHz (driven clock)
80 kHz to 200 MHz (3.3V)
80 KHz to 166.6 MHz (2.5V)
Field programmable
Serially programmable
Commercial temperature
CY22150FI
6
8 MHz to 30 MHz (external crystal)
1 MHz to 133 MHz (driven clock)
80 kHz to 166.6 MHz (3.3V)
80 KHz to 150 MHz (2.5V)
Field programmable
Serially programmable
Industrial temperature
SPI
Control
VDDL
AVDD
VSS
AVSS
SDAT
SCLK
Serial
VSSL
VDD
XIN
XOUT
LCLK1
Divider
PLL
OSC.
LCLK3
Q
P
VCO
Φ
LCLK2
LCKL4
CLK5
CLK6
Bank 1
Divider
Bank 2
Crosspoint
Switch
Programming
Interface
Matrix
Logic Block Diagram
[+] Feedback


Similar Part No. - CY22150KFZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150KFZXI CYPRESS-CY22150KFZXI Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22150KFZXIT CYPRESS-CY22150KFZXIT Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
More results

Similar Description - CY22150KFZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com