Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104NA-BA25I Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B104NA-BA25I
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-BA25I Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B104NA-BA25I Datasheet HTML 4Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 5Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 9Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 10Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 11Page - Cypress Semiconductor CY14B104NA-BA25I Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CY14B104LA, CY14B104NA
Document #: 001-49918 Rev. *B
Page 8 of 23
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ..................................–65
°C to +150°C
Maximum Accumulated Storage Time
At 150
°C Ambient Temperature..........................1000h
At 85
°C Ambient Temperature.................... ..20 Years
Ambient Temperature with
Power Applied .............................................–55
°C to +150°C
Supply Voltage on VCC Relative to GND.......... –0.5V to 4.1V
Voltage Applied to Outputs
in High-Z State ...................................... –0.5V to VCC + 0.5V
Input Voltage .......................................... –0.5V to Vcc + 0.5V
Transient Voltage (<20 ns) on
Any Pin to Ground Potential.................. –2.0V to VCC + 2.0V
Package Power Dissipation
Capability (TA = 25°C)....................................................1.0W
Surface Mount Pb Soldering
Temperature (3 Seconds)...........................................+260
°C
DC Output Current (1 output at a time, 1s duration) ....15 mA
Static Discharge Voltage ......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch Up Current................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
2.7V to 3.6V
Industrial
–40
°C to +85°C
2.7V to 3.6V
DC Electrical Characteristics
Over the Operating Range (VCC = 2.7V to 3.6V)
Parameter
Description
Test Conditions
Min
Typ[9]
Max
Unit
ICC1
Average VCC Current tRC = 20 ns
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads
(IOUT = 0 mA)
Commercial
65
65
50
mA
mA
mA
Industrial
70
70
52
mA
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Don’t Care, VCC = Max
Average current for duration tSTORE
10
mA
ICC3
Average VCC Current
at tRC= 200 ns,
VCC (Typ), 25°C
All I/P cycling at CMOS levels.
Values obtained without output loads (IOUT = 0 mA).
35
mA
ICC4
Average VCAP
Current during
AutoStore Cycle
All Inputs Don’t Care, VCC = Max
Average current for duration tSTORE
5mA
ISB
VCC Standby Current CE > (VCC – 0.2V). VIN < 0.2V or > (VCC – 0.2V).
Standby current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
5mA
IIX[10]
Input Leakage
Current (except
HSB)
VCC = Max, VSS < VIN < VCC
–1
+1
μA
Input Leakage
Current (for HSB)
VCC = Max, VSS < VIN < VCC
–100
+1
μA
IOZ
Off-State Output
Leakage Current
VCC = Max, VSS < VOUT < VCC, CE or OE > VIH or BHE/BLE
> VIH or WE < VIL
–1
+1
μA
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage
Vss – 0.5
0.8
V
VOH
Output HIGH Voltage IOUT = –2 mA
2.4
V
VOL
Output LOW Voltage IOUT = 4 mA
0.4
V
VCAP
Storage Capacitor
Between VCAP pin and VSS, 5V Rated
61
68
180
μF
Notes
9. Typical values are at 25°C, VCC= VCC (Typ) . Not 100% tested.
10. The HSB pin has IOUT = -2 uA for VOH of 2.4V when both active HIGH and LOW drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.
[+] Feedback


Similar Part No. - CY14B104NA-BA25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-BA25I CYPRESS-CY14B104NA-BA25I Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104NA-BA25IT CYPRESS-CY14B104NA-BA25IT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results

Similar Description - CY14B104NA-BA25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com