Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136ESL Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62136ESL
Description  2 Mbit (128K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136ESL Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62136ESL Datasheet HTML 3Page - Cypress Semiconductor CY62136ESL Datasheet HTML 4Page - Cypress Semiconductor CY62136ESL Datasheet HTML 5Page - Cypress Semiconductor CY62136ESL Datasheet HTML 6Page - Cypress Semiconductor CY62136ESL Datasheet HTML 7Page - Cypress Semiconductor CY62136ESL Datasheet HTML 8Page - Cypress Semiconductor CY62136ESL Datasheet HTML 9Page - Cypress Semiconductor CY62136ESL Datasheet HTML 10Page - Cypress Semiconductor CY62136ESL Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY62136ESL MoBL®
Document #: 001-48147 Rev. *A
Page 7 of 12
Switching Waveforms
Figure 4. Read Cycle No.1: Address Transition Controlled. [13, 14]
Figure 5. Read Cycle No. 2: OE Controlled [14, 15]
PREVIOUS DATA VALID
DATA VALID
RC
tAA
tOHA
tRC
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tLZBE
tLZCE
tPU
HIGHIMPEDANCE
ICC
tHZOE
tHZCE
tPD
tHZBE
tLZOE
tDBE
tDOE
IMPEDANCE
HIGH
ISB
DATA OUT
OE
CE
VCC
SUPPLY
CURRENT
BHE/BLE
ADDRESS
Notes
13. The device is continuously selected. OE, CE = VIL, BHE, BLE, or both = VIL.
14. WE is HIGH for read cycle.
15. Address valid before or similar to CE, BHE, BLE transition LOW.
[+] Feedback


Similar Part No. - CY62136ESL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136ESL CYPRESS-CY62136ESL Datasheet
477Kb / 15P
   2 Mbit (128K x 16) Static RAM
CY62136ESL CYPRESS-CY62136ESL Datasheet
485Kb / 15P
   2-Mbit (128 K x 16) Static RAM Ultra low standby power
CY62136ESL-45ZSXI CYPRESS-CY62136ESL-45ZSXI Datasheet
477Kb / 15P
   2 Mbit (128K x 16) Static RAM
CY62136ESL-45ZSXI CYPRESS-CY62136ESL-45ZSXI Datasheet
485Kb / 15P
   2-Mbit (128 K x 16) Static RAM Ultra low standby power
CY62136ESL CYPRESS-CY62136ESL_11 Datasheet
477Kb / 15P
   2 Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136ESL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com