Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309CSXC-1T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2309CSXC-1T
Description  3.3V Zero Delay Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309CSXC-1T Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2309CSXC-1T Datasheet HTML 1Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *H
Page 2 of 12
Pinouts
CY2305C
Logic Block Diagram for CY2309C
PLL
MUX
Select Input
REF
S2
S1
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Decoding
CLKOUT
Figure 1. Pin Diagram - 8 Pin SOIC
Table 1. Pin Description - 8 Pin SOIC
Pin
Signal
Description
1REF[1]
Input reference frequency
2CLK2[2]
Buffered clock output
3CLK1[2]
Buffered clock output
4
GND
Ground
5CLK3[2]
Buffered clock output
6VDD
3.3V supply
7CLK4[2]
Buffered clock output
8CLKOUT[2]
Buffered clock output, internal feedback on this pin
1
2
3
4
5
8
7
6
REF
CLK2
CLK1
GND
VDD
CLKOUT
CLK4
CLK3
Top View
CY2305C
Notes
1. Weak pull down.
2. Weak pull down on all outputs.
[+] Feedback
[+] Feedback


Similar Part No. - CY2309CSXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309CSXC-1T CYPRESS-CY2309CSXC-1T Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
More results

Similar Description - CY2309CSXC-1T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com