Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309CSXC-1T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2309CSXC-1T
Description  3.3V Zero Delay Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309CSXC-1T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2309CSXC-1T Datasheet HTML 1Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2309CSXC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *H
Page 5 of 12
Switching Characteristics for CY2305CSXC-XX and CY2309CSXC-XX
Switching characteristics table for CY2305CSXC-1 and CY2309CSXC-1 Commercial Temperature Devices. All parameters are
specified with loaded outputs.
Electrical Characteristics for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX
Electrical characteristics table for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX Industrial / Automotive-A Temperature
Devices.
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage[5]
–0.3
0.8
V
VIH
Input HIGH Voltage[5]
2.0
VDD + 0.3
V
IIL
Input LOW Current
VIN = 0V
50
μA
IIH
Input HIGH Current
VIN = VDD
–100
μA
VOL
Output LOW Voltage[6]
IOL = 8 mA (–1)
IOH =12 mA (–1H)
–0.4
V
VOH
Output HIGH Voltage[6]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode) Power down Supply Current
REF = 0 MHz
25
μA
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
–35
mA
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30 pF load
10 pF load
10
10
–100
133.33
MHz
MHz
tDC
Output Duty Cycle[6] = t2 ÷ t1 Measured at 1.4V, Fout > 50 MHz
40
50
60
%
Measured at 1.4V, Fout ≤ 50 MHz
45
50
55
%
t3
Rise Time[6]
Measured between 0.8V and 2.0V
2.25
ns
t4
Fall Time[6]
Measured between 0.8V and 2.0V
2.25
ns
t5
Output to Output Skew[6]
All outputs equally loaded
200
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge[6]
Measured at VDD/2
0
±350
ps
t6B
Delay, REF Rising Edge to
CLKOUT Rising Edge[6]
Measured at VDD/2. Measured in PLL
Bypass Mode, CY2309C device only.
15
8.7
ns
t7
Device to Device Skew[6]
Measured at VDD/2 on the CLKOUT pins
of devices
–0
700
ps
tJ
Cycle to Cycle Jitter, peak[6] Measured at 66.67 MHz, loaded outputs
50
175
ps
tLOCK
PLL Lock Time[6]
Stable power supply, valid clock
presented on REF pin
––
1.0
ms
Switching characteristics table for CY2305CSXC-1H and CY2309CSXC-1H Commercial Temperature Devices. All parameters are
specified with loaded outputs.
Parameter
Name
Description
Min
Typ
Max
Unit
t1
Output Frequency
30-pF load
10-pF load
10
10
–100
133.33
MHz
MHz
tDC
Output Duty Cycle[6] = t2 ÷ t1 Measured at 1.4V, Fout > 50 MHz
40
50
60
%
Measured at 1.4V, Fout ≤ 50 MHz
45
50
55
%
t3
Rise Time[6]
Measured between 0.8V and 2.0V
1.5
ns
t4
Fall Time[6]
Measured between 0.8V and 2.0V
1.5
ns
t5
Output to Output Skew[6]
All outputs equally loaded
200
ps
[+] Feedback
[+] Feedback


Similar Part No. - CY2309CSXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309CSXC-1T CYPRESS-CY2309CSXC-1T Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
More results

Similar Description - CY2309CSXC-1T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com