Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC38500 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC38500
Description  BiCMOS PFC/PWM Combination Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC38500 Datasheet(HTML) 5 Page - Texas Instruments

  UCC38500 Datasheet HTML 1Page - Texas Instruments UCC38500 Datasheet HTML 2Page - Texas Instruments UCC38500 Datasheet HTML 3Page - Texas Instruments UCC38500 Datasheet HTML 4Page - Texas Instruments UCC38500 Datasheet HTML 5Page - Texas Instruments UCC38500 Datasheet HTML 6Page - Texas Instruments UCC38500 Datasheet HTML 7Page - Texas Instruments UCC38500 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
UCC18500/1/2/3
UCC28500/1/2/3
UCC38500/1/2/3
CAOUT: (current amplifier output) This is the output of a
wide bandwidth op amp that senses line current and
commands the PFC pulse width modulator (PWM) to
force the correct current. This output can swing close to
GND, allowing the PWM to force zero duty cycle when
necessary.
CT: (Oscillator timing capacitor) A capacitor from CT to
GND will set the oscillator frequency according to:
()
f
RT CT
=
0 725
.
GND: (ground) All voltages measured with respect to
ground. VCC and VREF should be bypassed directly to
GND with a 0.1
µF or larger ceramic capacitor. The timing
capacitor discharge current also returns to this pin, so
the lead from the oscillator timing capacitor to GND
should be as short and direct as possible.
GT1: (gate drive) The output drive for the PFC stage is a
totem pole MOSFET gate driver on GT1. Use a series
gate resistor of at least 5 ohms to prevent interaction be-
tween the gate impedance and the GT1 output driver that
might cause the GT1 to overshoot excessively. Some
overshoot of the GT1 output is always expected when
driving a capacitive load.
GT2: (gate drive) Same as output GT1 for the second
stage output drive. Limited to 50% maximum duty cycle.
IAC: (input ac current) This input to the analog multiplier
is a current. The multiplier is tailored for very low distor-
tion from this current input (IAC) to MOUT, so this is the
only multiplier input which should be used for sensing in-
stantaneous line voltage. Recommended maximum IAC is
500
µA.
ISENSE1: (current sense) This is the non-inverting input
to the current amplifier. This input and the inverting input
MOUT remain functional down to and below GND.
ISENSE2: (current sense) A resistor from the source of
the lower FET to ground generates the input signal for
the peak limit control of the second stage. The oscillator
ramp can also be summed into this pin, for slope com-
pensation.
MOUT: (multiplier output and current sense amplifier in-
verting input) The output of the analog multiplier and the
inverting input of the current amplifier are connected to-
gether at MOUT. As the multiplier output is a current, this
is a high impedance input so the amplifier can be config-
ured as a differential amplifier to reject ground noise.
Multiplier output current is given by:
()
I
VAOUT
I
KV
MO
AC
FF
=
−•
10
2
.
Connect current loop compensation components be-
tween MOUT and CAOUT.
OVP/ENBL: (over-voltage/enable) A window comparator
input which will disable the PFC output driver if the boost
output is 6.67% above nominal or will disable both the
PFC and second stage output drivers and reset SS2 if
pulled below 1.5V. This input is also used to determine
the active range of the second stage PWM.
PKLMT: (PFC peak current limit) The threshold for peak
limit is 0V. Use a resistor divider from the negative side of
the current sense resistor to VREF to level-shift this sig-
nal to a voltage corresponding to the desired overcurrent
threshold across the current sense resistor.
PWRGND: Ground for totem pole output drivers.
RT: (oscillator charging current) A resistor from RT to
GND is used to program oscillator charging current. A re-
sistor between 10k
Ω and 100kΩ is recommended.
SS2: (soft start for PWM) SS2 is at ground for either en-
able low or OVP/ENBL below the UVLO2 threshold
conditions. When enabled, SS2 will charge an external
capacitor with a current source. This voltage will be used
as the voltage error signal during start-up, enabling the
PWM duty cycle to increase slowly. In the event of a dis-
able command or a
UVLO2 dropout, SS2 will quickly
discharge to disable the PWM.
VAOUT: (voltage amplifier output) This is the output of
the opamp that regulates output voltage. The voltage am-
plifier output is internally limited to approximately 5.5V to
prevent overshoot.
VCC: (positive supply voltage) Connect to a stable
source of at least 20mA between 12V and 17V for nor-
mal operation. Bypass VCC directly to GND to absorb
supply current spikes required to charge external
MOSFET gate capacitances. To prevent inadequate Gate
Drive signals, the output devices will be inhibited unless
VCC exceeds the upper under-voltage lockout threshold
and remains above the lower threshold.
VERR: Voltage amp error signal for the second stage.
The error signal is generated by an external amplifier
which drives this pin.
VFF: (RMS feed forward signal) VFF signal generated at
this pin by mirroring Iac into a single pole external filter.
PIN DESCRIPTIONS


Similar Part No. - UCC38500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38500 TI-UCC38500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC38500 TI1-UCC38500 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC38500DW TI-UCC38500DW Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC38500DW TI1-UCC38500DW Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC38500DWG4 TI1-UCC38500DWG4 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC38500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com