Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY220501 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY220501
Description  One-PLL General Purpose Flash Programmable Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY220501 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY220501 Datasheet HTML 2Page - Cypress Semiconductor CY220501 Datasheet HTML 3Page - Cypress Semiconductor CY220501 Datasheet HTML 4Page - Cypress Semiconductor CY220501 Datasheet HTML 5Page - Cypress Semiconductor CY220501 Datasheet HTML 6Page - Cypress Semiconductor CY220501 Datasheet HTML 7Page - Cypress Semiconductor CY220501 Datasheet HTML 8Page - Cypress Semiconductor CY220501 Datasheet HTML 9Page - Cypress Semiconductor CY220501 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY22050,
CY220501
Document #: 38-07006 Rev. *G
Page 6 of 10
DC Electrical Characteristics
Parameter[4]
Name
Description
Min
Typ.
Max
Unit
IOH3.3
Output High Current
VOH = VDD – 0.5V, VDD/VDDL = 3.3V
12
24
mA
IOL3.3
Output Low Current
VOL = 0.5V, VDD/VDDL = 3.3V
12
24
mA
IOH2.5
Output High Current
VOH = VDDL – 0.5V, VDDL = 2.5V
8
16
mA
IOL2.5
Output Low Current
VOL = 0.5V, VDDL = 2.5V
8
16
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
1.0
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
00.3
VDD
IVDD
[5,6]
Supply Current
AVDD/VDD Current
45
mA
IVDDL3.3
[5,6]
Supply Current
VDDL Current (VDDL = 3.465V)
25
mA
IVDDL2.5
[5,6]
Supply Current
VDDL Current (VDDL = 2.625V)
17
mA
IDDS
Power Down Current
VDD = VDDL = AVDD = 3.465V
50
μA
IOHZ
IOLZ
Output Leakage
VDD = VDDL = AVDD = 3.465V
10
μA
AC Electrical Characteristics
Parameter[4]
Name
Description
Min
Typ.
Max
Unit
t1
Output frequency,
commercial temp
Clock output limit, 3.3V
0.08 (80 kHz)
200
MHz
Clock output limit, 2.5V
0.08 (80 kHz)
166.6
MHz
Output frequency, indus-
trial temp
Clock output limit, 3.3V
0.08 (80 kHz)
166.6
MHz
Clock output limit, 2.5V
0.08 (80 kHz)
150
MHz
t2
Output duty cycle
Duty cycle is defined in Figure 4; t1/t2
fOUT > 166 MHz, 50% of VDD
40
50
60
%
Duty cycle is defined in Figure 4; t1/t2
fOUT < 166 MHz, 50% of VDD
45
50
55
%
t3LO
Rising edge slew rate
(VDDL = 2.5V)
Output clock rise time, 20% – 80% of VDDL.
Defined in Figure 5
0.6
1.2
V/ns
t4LO
Falling edge slew rate
(VDDL = 2.5V)
Output clock fall time, 80% – 20% of VDDL.
Defined in Figure 5
0.6
1.2
V/ns
t3HI
Rising edge slew rate
(VDDL = 3.3V)
Output clock rise time, 20% – 80% of VDD/VDDL.
Defined in Figure 5
0.8
1.4
V/ns
t4HI
Falling edge slew rate
(VDDL = 3.3V)
Output clock fall time, 80% – 20% of VDD/VDDL.
Defined in Figure 5
0.8
1.4
V/ns
t5[7]
Skew
Output-output skew between related outputs
250
ps
t6[8]
Clock jitter
Peak-to-peak period jitter (see Figure 6)250
ps
t10
PLL lock time
0.30
3
ms
Notes
4. Not 100% tested, guaranteed by design.
5. IVDD currents specified for two CLK outputs running at 125 MHz, two LCLK outputs running at 80 MHz, and two LCLK outputs running at 66.6 MHz. All outputs are
loaded with 15pF.
6. Use CyClocksRT to calculate actual IVDD and IVDDL for specific output frequency configurations.
7. Skew value guaranteed when outputs are generated from the same divider bank. See Logic Block Diagram for more information.
8. Jitter measurement will vary. Actual jitter is dependent on XIN jitter and edge rate, number of active outputs, output frequencies, VDDL (2.5V or 3.3V), temperature,
and output load. For more information, refer to the application note, “Jitter in PLL-based Systems: Causes, Effects, and Solutions,” available at http://www.cypress.com,
or contact your local Cypress Field Applications Engineer.
[+] Feedback


Similar Part No. - CY220501

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY220501 CYPRESS-CY220501 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501KFZXI CYPRESS-CY220501KFZXI Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
More results

Similar Description - CY220501

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com