Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104L-BA25XIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B104L-BA25XIT
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104L-BA25XIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B104L-BA25XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104L-BA25XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CY14B104L, CY14B104N
Document #: 001-07102 Rev. *L
Page 4 of 25
Device Operation
The CY14B104L/CY14B104N nvSRAM is made up of two
functional components paired in the same physical cell. They are
an SRAM memory cell and a nonvolatile QuantumTrap cell. The
SRAM memory cell operates as a standard fast static RAM. Data
in the SRAM is transferred to the nonvolatile cell (the STORE
operation), or from the nonvolatile cell to the SRAM (the RECALL
operation). Using this unique architecture, all cells are stored and
recalled in parallel. During the STORE and RECALL operations,
SRAM
read
and
write
operations
are
inhibited.
The
CY14B104L/CY14B104N supports infinite reads and writes
similar to a typical SRAM. In addition, it provides infinite RECALL
operations from the nonvolatile cells and up to 200K STORE
operations. See the “Truth Table For SRAM Operations” on
page 15 for a complete description of read and write modes.
SRAM Read
The CY14B104L/CY14B104N performs a read cycle when CE
and OE are LOW and WE and HSB are HIGH. The address
specified on pins A0-18 or A0-17 determines which of the 524,288
data bytes or 262,144 words of 16 bits each are accessed. Byte
enables (BHE, BLE) determine which bytes are enabled to the
output, in the case of 16-bit words. When the read is initiated by
an address transition, the outputs are valid after a delay of tAA
(read cycle 1). If the read is initiated by CE or OE, the outputs
are valid at tACE or at tDOE, whichever is later (read cycle 2). The
data output repeatedly responds to address changes within the
tAA access time without the need for transitions on any control
input pins. This remains valid until another address change or
until CE or OE is brought HIGH, or WE or HSB is brought LOW.
SRAM Write
A write cycle is performed when CE and WE are LOW and HSB
is HIGH. The address inputs must be stable before entering the
write cycle and must remain stable until CE or WE goes HIGH at
the end of the cycle. The data on the common IO pins DQ0–15
are written into the memory if the data is valid tSD before the end
of a WE controlled write or before the end of an CE controlled
write. The Byte Enable inputs (BHE, BLE) determine which bytes
are written, in the case of 16bit words. It is recommended that
OE be kept HIGH during the entire write cycle to avoid data bus
contention on common IO lines. If OE is left LOW, internal
circuitry turns off the output buffers tHZWE after WE goes LOW.
AutoStore Operation
The CY14B104L/CY14B104N stores data to the nvSRAM using
one of the following three storage operations: Hardware Store
activated by HSB; Software Store activated by an address
sequence; AutoStore on device power down. The AutoStore
operation is a unique feature of QuantumTrap technology and is
enabled by default on the CY14B104L/CY14B104N.
During a normal operation, the device draws current from VCC to
charge a capacitor connected to the VCAP pin. This stored
charge is used by the chip to perform a single STORE operation.
If the voltage on the VCC pin drops below VSWITCH, the part
automatically disconnects the VCAP pin from VCC. A STORE
operation is initiated with power provided by the VCAP capacitor.
Figure 4 shows the proper connection of the storage capacitor
(VCAP) for automatic store operation. Refer to DC Electrical
Characteristics on page 7 for the size of VCAP. The voltage on
the VCAP pin is driven to VCC by a regulator on the chip. A pull
up should be placed on WE to hold it inactive during power up.
This pull up is only effective if the WE signal is tri-state during
power up. Many MPU’s will tri-state their controls on power up.
This should be verified when using the pull up. When the
nvSRAM comes out of power-on-recall, the MPU must be active
or the WE held inactive until the MPU comes out of reset.
To reduce unnecessary nonvolatile stores, AutoStore and
hardware store operations are ignored unless at least one write
operation has taken place since the most recent STORE or
RECALL cycle. Software initiated STORE cycles are performed
regardless of whether a write operation has taken place. The
HSB signal is monitored by the system to detect if an AutoStore
cycle is in progress.
Figure 4. AutoStore Mode
Hardware STORE Operation
The CY14B104L/CY14B104N provides the HSB[6] pin to control
and acknowledge the STORE operations. Use the HSB pin to
request a hardware STORE cycle. When the HSB pin is driven
LOW, the CY14B104L/CY14B104N conditionally initiates a
STORE operation after tDELAY. An actual STORE cycle only
begins if a write to the SRAM has taken place since the last
STORE or RECALL cycle. The HSB pin also acts as an open
drain driver that is internally driven LOW to indicate a busy
condition when the STORE (initiated by any means) is in
progress.
When HSB is driven LOW by any means, SRAM read and write
operations that are in progress are given time to complete before
the STORE operation is initiated. After HSB goes LOW, the
CY14B104L/CY14B104N
continues
SRAM
operations
for
tDELAY.
During any STORE operation, regardless of how it is initiated,
the CY14B104L/CY14B104N continues to drive the HSB pin
LOW, releasing it only when the STORE is complete. Upon
completion
of
the
STORE
operation,
the
CY14B104L/CY14B104N remains disabled until the HSB pin
returns HIGH. Leave the HSB unconnected if it is not used.
0.1uF
Vcc
V
CAP
Vcc
WE
V
CAP
V
SS
[+] Feedback


Similar Part No. - CY14B104L-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L-BA25XIT CYPRESS-CY14B104L-BA25XIT Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104L-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com