Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101MA-ZSP45XC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B101MA-ZSP45XC
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101MA-ZSP45XC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B101MA-ZSP45XC Datasheet HTML 7Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 8Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 9Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 10Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 11Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 12Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 13Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 14Page - Cypress Semiconductor CY14B101MA-ZSP45XC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
PRELIMINARY
CY14B101KA/CY14B101MA
Document #: 001-42880 Rev. *C
Page 11 of 29
Table 3. RTC Register Map[10, 11, 12]
Register
BCD Format Data[11]
Function/Range
CY14B101KA
CY14B101MA
D7
D6
D5
D4
D3
D2
D1
D0
0x1FFFF
0x0FFFF
10s Years
Years
Years: 00–99
0x1FFFE
0x0FFFE
0
0
0
10s
Months
Months
Months: 01–12
0x1FFFD
0x0FFFD
0
0
10s Day of
Month
Day Of Month
Day of Month: 01–31
0x1FFFC
0x0FFFC
0
0
0
0
0
Day of Week
Day of Week: 01–07
0x1FFFB
0x0FFFB
0
0
10s Hours
Hours
Hours: 00–23
0x1FFFA
0x0FFFA
0
10s Minutes
Minutes
Minutes: 00–59
0x1FFF9
0x0FFF9
0
10s Seconds
Seconds
Seconds: 00–59
0x1FFF8
0x0FFF8
OSCEN
(0)
0Cal
Sign
(0)
Calibration (00000)
Calibration Values [13]
0x1FFF7
0x0FFF7
WDS (0) WDW
(0)
WDT (000000)
Watchdog [13]
0x1FFF6
0x0FFF6
WIE (0)
AIE
(0)
PFE
(0)
0
H/L (1)
P/L
(0)
0
0
Interrupts [13]
0x1FFF5
0x0FFF5
M (1)
0
10s Alarm Date
Alarm Day
Alarm, Day of Month:
01–31
0x1FFF4
0x0FFF4
M (1)
0
10s Alarm
Hours
Alarm Hours
Alarm, Hours: 00–23
0x1FFF3
0x0FFF3
M (1)
10 Alarm Minutes
Alarm Minutes
Alarm, Minutes: 00–59
0x1FFF2
0x0FFF2
M (1)
10 Alarm Seconds
Alarm, Seconds
Alarm, Seconds: 00–59
0x1FFF1
0x0FFF1
10s Centuries
Centuries
Centuries: 00–99
0x1FFF0
0x0FFF0
WDF
AF
PF
OSCF
0
CAL
(0)
W (0)
R (0)
Flags [13]
Notes
10. Upper byte D15-D8 (CY14B101MA) of RTC registers are reserved for future use.
11. The unused bits of RTC registers are reserved for future use and should be set to ‘0’.
12. ( ) designates values shipped from the factory.
13. This is a binary value, not a BCD value.
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101MA-ZSP45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101MA CYPRESS-CY14B101MA Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101MA-ZSP45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com