Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104K-ZS45XIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B104K-ZS45XIT
Description  4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104K-ZS45XIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B104K-ZS45XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104K-ZS45XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CY14B104K, CY14B104M
Document #: 001-07103 Rev. *S
Page 3 of 33
Pinouts
Figure 1. Pin Diagram - 44-PIn and 54-Pin TSOP II
Table 1. Pin Definitions
Pin Name
I/O Type
Description
A0 – A18
Input
Address inputs. Used to select one of the 524,288 bytes of the nvSRAM for x8 configuration.
A0 – A17
Address inputs. Used to select one of the 262,144 words of the nvSRAM for x16 configuration.
DQ0 – DQ7 Input/Output Bidirectional data I/O lines for ×8 configuration. Used as input or output lines depending on operation.
DQ0 – DQ15
Bidirectional data I/O lines for ×16 configuration. Used as input or output lines depending on operation.
NC
No connect No connects. This pin is not connected to the die.
WE
Input
Write Enable input, Active LOW. When selected LOW, data on the I/O pins is written to the specific
address location.
CE
Input
Chip Enable input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read
cycles. Deasserting OE HIGH causes the I/O pins to tristate.
BHE
Input
Byte High Enable, Active LOW. Controls DQ15 - DQ8.
BLE
Input
Byte Low Enable, Active LOW. Controls DQ7 - DQ0.
Xout
Output
Crystal connection. Drives crystal on startup.
Xin
Input
Crystal connection. For 32.768 kHz crystal.
VRTCcap
Power supply Capacitor supplied backup RTC supply voltage. Left unconnected if VRTCbat is used.
VRTCbat
Power supply Battery supplied backup RTC supply voltage. Left unconnected if VRTCcap is used.
NC
A8
Xin
Xout
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
A15
A16
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44 - TSOP II
Top View
(not to scale)
A10
VRTCbat
WE
DQ7
HSB
INT
VSS
VCC
VCAP
VRTCcap
(x8)
DQ7
DQ6
DQ5
DQ4
VCC
DQ3
DQ2
DQ1
DQ0
NC
A0
A1
A2
A3
A4
A5
A6
A7
VCAP
WE
A8
A10
A11
A12
A13
A14
A15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
54 - TSOP II
Top View
(not to scale)
OE
CE
VCC
INT
VSS
NC
A9
NC
NC
54
53
52
51
49
50
HSB
BHE
BLE
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
(x16)
VRTCcap
VRTCbat
Xin
Xout
[4]
[4]
[5]
[5]
A17
A18
A16
A17
Notes
4. Address expansion for 8 Mbit. NC pin not connected to die.
5. Address expansion for 16 Mbit. NC pin not connected to die.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104K-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K-ZS45XIT CYPRESS-CY14B104K-ZS45XIT Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XIT CYPRESS-CY14B104K-ZS45XIT Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104K-ZS45XIT CYPRESS-CY14B104K-ZS45XIT Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104K-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com