Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108M-ZSP25XC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B108M-ZSP25XC
Description  8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108M-ZSP25XC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B108M-ZSP25XC Datasheet HTML 1Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 2Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 3Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 4Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 5Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 6Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 7Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 8Page - Cypress Semiconductor CY14B108M-ZSP25XC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CY14B108K, CY14B108M
8 Mbit (1024K x 8/512K x 16) nvSRAM with
Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-47378 Rev. *B
Revised July 30, 2009
Features
20 ns, 25 ns, and 45 ns Access Times
Internally Organized as 1024K x 8 (CY14B108K) or 512K x 16
(CY14B108M)
Hands Off Automatic STORE on Power Down with only a Small
Capacitor
STORE to QuantumTrap Nonvolatile Elements is Initiated by
Software, Device Pin, or AutoStore on Power Down
RECALL to SRAM Initiated by Software or Power Up
High Reliability
Infinite Read, Write, and RECALL Cycles
200,000 STORE Cycles to QuantumTrap
20 year Data Retention
Single 3V +20%, –10% Operation
Data Integrity of Cypress nvSRAM Combined with Full
Featured Real Time Clock (RTC)
Watchdog Timer
Clock Alarm with Programmable Interrupts
Capacitor or Battery Backup for RTC
Commercial and Industrial Temperatures
44 and 54-pin TSOP II Package
Pb-free and RoHS Compliance
Functional Description
The Cypress CY14B108K/CY14B108M combines a 8-Mbit
nonvolatile static RAM with a full featured RTC in a monolithic
integrated circuit. The embedded nonvolatile elements incor-
porate QuantumTrap technology producing the world’s most
reliable nonvolatile memory. The SRAM is read and written
infinite number of times, while independent nonvolatile data
resides in the nonvolatile elements.
The RTC function provides an accurate clock with leap year
tracking and a programmable, high accuracy oscillator. The
alarm function is programmable for periodic minutes, hours,
days, or months alarms. There is also a programmable watchdog
timer for process control.
STATIC RAM
ARRAY
2048 X 2048 X 2
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum
Trap
2048 X 2048 X 2
STORE
RECALL
VCC
VCAP
HSB
A
9 A10 A11 A12 A13 A14 A15 A16
SOFTWARE
DETECT
A14 -A2
OE
CE
WE
BHE
BLE
A
0
A
1
A
2
A3
A
4
A
5
A
6
A
7
A8
A
17
A18
DQ
0
DQ
1
DQ2
DQ
3
DQ
4
DQ
5
DQ
6
DQ
7
DQ
8
DQ
9
DQ10
DQ11
DQ12
DQ
13
DQ14
DQ
15
RTC
MUX
A
19-A0
X
out
X
in
INT
VRTCbat
VRTCcap
A19
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A19 for x8 configuration and Address A0 - A18 for x16 configuration.
2. Data DQ0 - DQ7 for x8 configuration and Data DQ0 - DQ15 for x16 configuration.
3. BHE and BLE are applicable for x16 configuration only.
[+] Feedback


Similar Part No. - CY14B108M-ZSP25XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108M-ZSP25XI CYPRESS-CY14B108M-ZSP25XI Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108M-ZSP25XI CYPRESS-CY14B108M-ZSP25XI Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108M-ZSP25XI CYPRESS-CY14B108M-ZSP25XI Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B108M-ZSP25XIT CYPRESS-CY14B108M-ZSP25XIT Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108M-ZSP25XIT CYPRESS-CY14B108M-ZSP25XIT Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B108M-ZSP25XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com