Part Name
         Description
CY22393_09

 Three-PLL Serial-Programmable Flash-Programmable Clock Generator ( 19 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 17 page
background image
CY22393, CY223931, CY22394, CY22395
Document #: 38-07186 Rev. *E
Page 17 of 19
Note
9. Not recommended for new designs.
Ordering Information
Ordering Code
Package Type
Product Flow
CY22393ZC-xxx[9]
16-pin TSSOP
Commercial, 0 to 70°C
CY22393ZC-xxxT[9]
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22393FC[9]
16-pin TSSOP
Commercial, 0 to 70°C
CY22393FCT[9]
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22394FC[9]
16-pin TSSOP
Commercial, 0 to 70°C
CY22394FCT[9]
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22395FC[9]
16-pin TSSOP
Commercial, 0 to 70°C
CY3672-USB
FTG Programmer
CY3698
CY22392F, CY22393F, CY22394F, and
CY22395F Adapter for CY3672-USB
Pb-Free
CY22393ZXC-xxx
16-pin TSSOP
Commercial, 0 to 70°C
CY22393ZXC-xxxT
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22393ZXI-xxx
16-pin TSSOP
Industrial, –40 to 85°C
CY22393ZXI-xxxT
16-pin TSSOP - Tape and Reel
Industrial, –40 to 85°C
CY22393FXC
16-pin TSSOP
Commercial, 0 to 70°C
CY22393FXCT
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22393FXI
16-pin TSSOP
Industrial, –40 to 85°C
CY22393FXIT
16-pin TSSOP - Tape and Reel
Industrial, –40 to 85°C
CY223931FXI
16-pin TSSOP with NiPdAu lead finish
Industrial, –40 to 85°C
CY22394ZXC-xxx
16-pin TSSOP
Commercial, 0 to 70°C
CY22394ZXC-xxxT
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22394ZXI-xxx
16-pin TSSOP
Industrial, –40 to 85°C
CY22394ZXI-xxxT
16-pin TSSOP - Tape and Reel
Industrial, –40 to 85°C
CY22394FXC
16-pin TSSOP
Commercial, 0 to 70°C
CY22394FXCT
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22394FXI
16-pin TSSOP
Industrial, –40 to 85°C
CY22394FXIT
16-pin TSSOP - Tape and Reel
Industrial, –40 to 85°C
CY22395ZXC-xxx
16-pin TSSOP
Commercial, 0 to 70°C
CY22395ZXC-xxxT
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22395ZXI-xxx
16-pin TSSOP
Industrial, –40 to 85°C
CY22395ZXI-xxxT
16-pin TSSOP - Tape and Reel
Industrial, –40 to 85°C
CY22395FXC
16-pin TSSOP
Commercial, 0 to 70°C
CY22395FXCT
16-pin TSSOP - Tape and Reel
Commercial, 0 to 70°C
CY22395FXI
16-pin TSSOP
Industrial, –40 to 85°C
CY22395FXIT
16-pin TSSOP - Tape and Reel
Industrial, –40 to 85°C



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl