Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108K-ZS25XIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B108K-ZS25XIT
Description  8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108K-ZS25XIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B108K-ZS25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 14Page - Cypress Semiconductor CY14B108K-ZS25XIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CY14B108K, CY14B108M
Document #: 001-47378 Rev. *B
Page 11 of 29
Table 4. RTC Register Map[7]
Register
BCD Format Data[8]
Function/Range
CY14B108K CY14B108M
D7
D6
D5
D4
D3
D2
D1
D0
0xFFFFF
0x7FFFF
10s Years
Years
Years: 00–99
0xFFFFE
0x7FFFE
0
0
0
10s
Months
Months
Months: 01–12
0xFFFFD
0x7FFFD
0
0
10s Day of Month
Day Of Month
Day of Month: 01–31
0xFFFFC
0x7FFFC
0
0
0
0
0
Day of week
Day of week: 01–07
0xFFFFB
0x7FFFB
0
0
10s Hours
Hours
Hours: 00–23
0xFFFFA
0x7FFFA
0
10s Minutes
Minutes
Minutes: 00–59
0xFFFF9
0x7FFF9
0
10s Seconds
Seconds
Seconds: 00–59
0xFFFF8
0x7FFF8
OSCEN
(0)
0Cal Sign
(0)
Calibration (00000)
Calibration Values [9]
0xFFFF7
0x7FFF7
WDS
(0)
WDW (0)
WDT (000000)
Watchdog [9]
0xFFFF6
0x7FFF6
WIE (0)
AIE (0)
PFE (0)
0
H/L
(1)
P/L (0)
0
0
Interrupts [9]
0xFFFF5
0x7FFF5
M (1)
0
10s Alarm Date
Alarm Day
Alarm, Day of Month:
01–31
0xFFFF4
0x7FFF4
M (1)
0
10s Alarm Hours
Alarm Hours
Alarm, Hours: 00–23
0xFFFF3
0x7FFF3
M (1)
10 Alarm Minutes
Alarm Minutes
Alarm, Minutes:
00–59
0xFFFF2
0x7FFF2
M (1)
10 Alarm Seconds
Alarm, Seconds
Alarm, Seconds:
00–59
0xFFFF1
0x7FFF1
10s Centuries
Centuries
Centuries: 00–99
0xFFFF0
0x7FFF0
WDF
AF
PF
OSCF
0
CAL (0)
W (0)
R (0)
Flags [9]
Notes
7. Upper Byte D15-D8 (CY14B108M) of RTC registers are reserved for future use
8. ( ) designates values shipped from the factory.
9. This is a binary value, not a BCD value.
[+] Feedback


Similar Part No. - CY14B108K-ZS25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108K-ZS25XIT CYPRESS-CY14B108K-ZS25XIT Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K-ZS25XIT CYPRESS-CY14B108K-ZS25XIT Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K-ZS25XIT CYPRESS-CY14B108K-ZS25XIT Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B108K-ZS25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com