Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E102L-ZS15XI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14E102L-ZS15XI
Description  2-Mbit (256K x 8/128K x 16) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E102L-ZS15XI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14E102L-ZS15XI Datasheet HTML 5Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 6Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 7Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 8Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 9Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 10Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 11Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 12Page - Cypress Semiconductor CY14E102L-ZS15XI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADVANCE
CY14E102L, CY14E102N
Document Number: 001-45755 Rev. *A
Page 9 of 21
AC Switching Characteristics
The following table lists the AC switching characteristics.
Parameters
Description
15 ns
20 ns
25 ns
45 ns
Unit
Cypress
Parameters
Alt
Parameters
Min
Max
Min
Max
Min
Max
Min
Max
SRAM Read Cycle
tACE
tACS
Chip Enable Access Time
15
20
25
45
ns
tRC
[12]
tRC
Read Cycle Time
15
20
25
45
ns
tAA
[13]
tAA
Address Access Time
15
20
25
45
ns
tDOE
tOE
Output Enable to Data Valid
10
10
12
20
ns
tOHA
tOH
Output Hold After Address
Change
333
3
ns
tLZCE
[14]
tLZ
Chip Enable to Output Active
3
3
3
3
ns
tHZCE
[14]
tHZ
Chip Disable to Output Inactive
7
8
10
15
ns
tLZOE
[14]
tOLZ
Output Enable to Output Active
0
0
0
0
ns
tHZOE
[14]
tOHZ
Output Disable to Output
Inactive
7
8
10
15
ns
tPU
[11]
tPA
Chip Enable to Power Active
0
0
0
0
ns
tPD
[11]
tPS
Chip Disable to Power Standby
15
20
25
45
ns
tDBE
-
Byte Enable to Data Valid
10
10
12
20
ns
tLZBE
-
Byte Enable to Output Active
0
0
0
0
ns
tHZBE
-
Byte Disable to Output Inactive
7
8
10
15
ns
SRAM Write Cycle
tWC
tWC
Write Cycle Time
15
20
25
45
ns
tPWE
tWP
Write Pulse Width
10152030
ns
tSCE
tCW
Chip Enable To End of Write
15152030
ns
tSD
tDW
Data Setup to End of Write
5
8
10
15
ns
tHD
tDH
Data Hold After End of Write
0
0
0
0
ns
tAW
tAW
Address Setup to End of Write
10
15
20
30
ns
tSA
tAS
Address Setup to Start of Write
0
0
0
0
ns
tHA
tWR
Address Hold After End of Write
0
0
0
0
ns
tHZWE
[14,15]
tWZ
Write Enable to Output Disable
7
8
10
15
ns
tLZWE
[14]
tOW
Output Active after End of Write
3
3
3
3
ns
tBW
-
Byte Enable to End of Write
15152030
ns
Notes
12. WE must be HIGH during SRAM read cycles.
13. Device is continuously selected with CE and OE both LOW.
14. Measured ±200 mV from steady state output voltage.
15. If WE is LOW when CE goes LOW, the output goes into high impedance state.
[+] Feedback


Similar Part No. - CY14E102L-ZS15XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E102L-ZS15XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com