Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104MA-ZS20XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104MA-ZS20XI
Description  4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104MA-ZS20XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104MA-ZS20XI Datasheet HTML 1Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 2Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 3Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 4Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 5Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104MA-ZS20XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PRELIMINARY
CY14B104KA, CY14B104MA
4 Mbit (512K x 8/256K x 16) nvSRAM with
Real-Time-Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07103 Rev. *J
Revised November 3, 2008
Features
20 ns, 25 ns, and 45 ns access times
Internally organized as 512K x 8 (CY14B104KA) or 256K x 16
(CY14B104MA)
Hands off automatic STORE on power down with only a small
capacitor
STORE to QuantumTrap® nonvolatile elements is initiated by
software, device pin, or AutoStore® on power down
RECALL to SRAM initiated by software or power up
High reliability
Infinite read, write, and recall cycles
200,000 STORE cycles to QuantumTrap
20 year data retention
Single 3V +20%, –10% operation
Data integrity of Cypress nvSRAM combined with full featured
Real-Time-Clock
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Commercial and industrial temperatures
44 and 54-pin TSOP II package
Pb-free and RoHS compliance
Functional Description
The Cypress CY14B104KA/CY14B104MA combines a 4-Mbit
nonvolatile static RAM with a full featured real-time-clock in a
monolithic integrated circuit. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM is read and
written infinite number of times, while independent nonvolatile
data resides in the nonvolatile elements.
The real-time-clock function provides an accurate clock with leap
year tracking and a programmable, high accuracy oscillator. The
alarm function is programmable for one time alarms or periodic
seconds, minutes, hours, or days. There is also a programmable
watchdog timer for process control.
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A18 for x8 configuration and Address A0 - A17 for x16 configuration.
2. Data DQ0 - DQ7 for x8 configuration and Data DQ0 - DQ15 for x16 configuration.
3. BHE and BLE are applicable for x16 configuration only.
[+] Feedback


Similar Part No. - CY14B104MA-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104M CYPRESS-CY14B104M Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104M-ZSP20XC CYPRESS-CY14B104M-ZSP20XC Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP20XCT CYPRESS-CY14B104M-ZSP20XCT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104MA-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com