Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256K-SP25XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B256K-SP25XI
Description  256 Kbit (32K x 8) nvSRAM with Real Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256K-SP25XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B256K-SP25XI Datasheet HTML 1Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 2Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 3Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 4Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 5Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 6Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B256K-SP25XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CY14B256K
256 Kbit (32K x 8) nvSRAM with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-06431 Rev. *H
Revised February 24, 2009
Features
25 ns, 35 ns, and 45 ns access times
Pin compatible with STK17T88
Data integrity of Cypress nvSRAM combined with full featured
Real Time Clock
Low power, 350 nA RTC current
Capacitor or battery backup for RTC
Watchdog timer
Clock alarm with programmable interrupts
Hands off automatic STORE on power down with only a small
capacitor
STORE to QuantumTrap™ initiated by software, device pin, or
on power down
RECALL to SRAM initiated by software or on power up
Infinite READ, WRITE, and RECALL cycles
High reliability
Endurance to 200K cycles
Data retention: 20 years at 55°C
Single 3V operation with tolerance of +20%, -10%
Commercial and industrial temperature
48-Pin SSOP (ROHS compliant)
Functional Description
The Cypress CY14B256K combines a 256 Kbit nonvolatile static
RAM with a full-featured real time clock in a monolithic integrated
circuit.
The
embedded
nonvolatile
elements
incorporate
QuantumTrap technology producing the world’s most reliable
nonvolatile memory. The SRAM is read and written an infinite
number of times, while independent, nonvolatile data resides in
the nonvolatile elements.
The real time clock function provides an accurate clock with leap
year tracking and a programmable high accuracy oscillator. The
alarm function is programmable for one time alarms or periodic
seconds, minutes, hours, or days. There is also a programmable
watchdog timer for process control.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
512 X 512
QuantumTrap
512 X 512
STORE
RECALL
COLUMN IO
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A13
- A0
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
RTC
MUX
A14
- A0
x1
x2
INT
VRTCbat
VRTCcap
A11
Logic Block Diagram
[+] Feedback


Similar Part No. - CY14B256K-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256K-SP25XCT CYPRESS-CY14B256K-SP25XCT Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
More results

Similar Description - CY14B256K-SP25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com