Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256L Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B256L
Description  256 Kbit (32K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256L Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B256L_09 Datasheet HTML 5Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 6Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 7Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 8Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 9Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 10Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 11Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 12Page - Cypress Semiconductor CY14B256L_09 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY14B256L
Document Number: 001-06422 Rev. *H
Page 9 of 18
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
25 ns
35 ns
45 ns
Unit
Min
Max
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
25
35
45
ns
tRC
[6]
tAVAV, tELEH
Read Cycle Time
25
35
45
ns
tAA
[7]
tAVQV
Address Access Time
25
35
45
ns
tDOE
tGLQV
Output Enable to Data Valid
12
15
20
ns
tOHA
[7]
tAXQX
Output Hold After Address Change
3
3
3
ns
tLZCE
[8]
tELQX
Chip Enable to Output Active
3
3
3
ns
tHZCE
[8]
tEHQZ
Chip Disable to Output Inactive
10
13
15
ns
tLZOE
[8]
tGLQX
Output Enable to Output Active
0
0
0
ns
tHZOE
[8]
tGHQZ
Output Disable to Output Inactive
10
13
15
ns
tPU
[5]
tELICCH
Chip Enable to Power Active
0
0
0
ns
tPD
[5]
tEHICCL
Chip Disable to Power Standby
25
35
45
ns
Switching Waveforms
Figure 5. SRAM Read Cycle 1: Address Controlled [6, 7, 9]
Figure 6. SRAM Read Cycle 2: CE Controlled [6, 9]
Notes
6. WE must be HIGH during SRAM Read cycles.
7. Device is continuously selected with CE and OE both Low.
8. Measured ±200 mV from steady state output voltage.
9. HSB must remain HIGH during SRAM Read and Write Cycles.
[+] Feedback


Similar Part No. - CY14B256L_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256L-SP25XCT CYPRESS-CY14B256L-SP25XCT Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14B256L-SP35XCT CYPRESS-CY14B256L-SP35XCT Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14B256L-SP45XCT CYPRESS-CY14B256L-SP45XCT Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14B256L-SP45XI CYPRESS-CY14B256L-SP45XI Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14B256L-SP45XIT CYPRESS-CY14B256L-SP45XIT Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
More results

Similar Description - CY14B256L_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com