Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108N Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY14B108N
Description  8 Mbit (1024K x 8/512K x 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108N Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY14B108N Datasheet HTML 1Page - Cypress Semiconductor CY14B108N Datasheet HTML 2Page - Cypress Semiconductor CY14B108N Datasheet HTML 3Page - Cypress Semiconductor CY14B108N Datasheet HTML 4Page - Cypress Semiconductor CY14B108N Datasheet HTML 5Page - Cypress Semiconductor CY14B108N Datasheet HTML 6Page - Cypress Semiconductor CY14B108N Datasheet HTML 7Page - Cypress Semiconductor CY14B108N Datasheet HTML 8Page - Cypress Semiconductor CY14B108N Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
CY14B108L, CY14B108N
Document #: 001-45523 Rev. *D
Page 2 of 24
Pinouts
Figure 1. Pin Diagram - 48 FBGA
Figure 2. Pin Diagram - 44/54-Pin TSOP II
WE
VCC
A11
A10
VCAP
A6
A0
A3
CE
NC
NC
DQ0
A4
A5
NC
DQ2
DQ3
NC
VSS
A9
A8
OE
VSS
A7
NC
NC
NC
A17
A2
A1
NC
VCC
DQ4
NC
DQ5
DQ6
NC
DQ7
NC
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
A18
A19
DQ1
48-FBGA
Top View
(x8)
[4]
WE
VCC
A11
A10
VCAP
A6
A0
A3
CE
DQ10
DQ8
DQ9
A4
A5
DQ13
DQ12
DQ14
DQ15
VSS
A9
A8
OE
VSS
A7
DQ0
BHE
NC
A17
A2
A1
BLE
VCC
DQ2
DQ1
DQ3
DQ4
DQ5 DQ6
DQ7
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
A18
NC
DQ11
48-FBGA
(not to scale)
Top View
(x16)
[4]
(not to scale)
Notes
4. Address expansion for 16 Mbit. NC pin not connected to die.
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
A15
A16
A17
A18
A19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
Top View
(not to scale)
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
[4]
54-TSOP II
(x16)
44-TSOP II
(x8)
A17
DQ7
DQ6
DQ5
DQ4
VCC
DQ3
DQ2
DQ1
DQ0
NC
A0
A1
A2
A3
A4
A5
A6
A7
VCAP
WE
A8
A10
A11
A12
A13
A14
A15
A16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
Top View
(not to scale)
OE
CE
VCC
NC
VSS
NC
A9
NC
NC
A18
NC
NC
NC
54
53
52
51
49
50
HSB
BHE
BLE
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
[4]
[+] Feedback


Similar Part No. - CY14B108N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108N CYPRESS-CY14B108N Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B108N CYPRESS-CY14B108N Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B108N-BA25XI CYPRESS-CY14B108N-BA25XI Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B108N-BA25XI CYPRESS-CY14B108N-BA25XI Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B108N-BA25XIT CYPRESS-CY14B108N-BA25XIT Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
More results

Similar Description - CY14B108N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B116L CYPRESS-CY14B116L Datasheet
3Mb / 37P
   16-Mbit (2048K 횞 8/1024K 횞 16/512K 횞 32) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com