Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29566-24AXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C29566-24AXIT
Description  PSoC Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29566-24AXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C29566-24AXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C29566-24AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
CY8C29466, CY8C29566
CY8C29666, CY8C29866
Document Number: 38-12013 Rev. *K
Page 3 of 46
3.3 Analog System
The Analog System is composed of 12 configurable blocks, each
comprised of an opamp circuit allowing the creation of complex
analog signal flows. Analog peripherals are very flexible and can
be customized to support specific application requirements.
Some of the more common PSoC analog functions (most
available as user modules) are listed below.
Analog-to-digital converters (up to 4, with 6- to 14-bit resolution,
selectable as Incremental, Delta Sigma, and SAR)
Filters (2, 4, 6, and 8 pole band-pass, low-pass, and notch)
Amplifiers (up to 4, with selectable gain to 48x)
Instrumentation amplifiers (up to 2, with selectable gain to 93x)
Comparators (up to 4, with 16 selectable thresholds)
DACs (up to 4, with 6- to 9-bit resolution)
Multiplying DACs (up to 4, with 6- to 9-bit resolution)
High current output drivers (four with 30 mA drive as a Core
Resource)
1.3V reference (as a System Resource)
DTMF Dialer
Modulators
Correlators
Peak detectors
Many other topologies possible
Analog blocks are provided in columns of three, which includes
one CT (Continuous Time) and two SC (Switched Capacitor)
blocks, as shown in the figure below.
Figure 3-2. Analog System Block Diagram
3.4 Additional System Resources
System Resources, some of which have been previously listed,
provide additional capability useful to complete systems.
Additional resources include a multiplier, decimator, switch mode
pump, low voltage detection, and power on reset. Statements
describing the merits of each system resource are below.
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Multiply accumulate (MAC) provides fast 8-bit multiplier with
32-bit accumulate, to assist in general math and digital filters.
The decimator provides a custom hardware filter for digital
signal processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are all
supported.
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ACI2[1:0]
ACB02
ACB03
ASC12
ASD13
ASD22
ASC23
ASD20
ACI0[1:0]
ACI3[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
[+] Feedback


Similar Part No. - CY8C29566-24AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29566-24AXIT CYPRESS-CY8C29566-24AXIT Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C29566-24AXIT CYPRESS-CY8C29566-24AXIT Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29566-24AXIT CYPRESS-CY8C29566-24AXIT Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C29566-24AXIT CYPRESS-CY8C29566-24AXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C29566-24AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com