Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101L-SZ25XIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY14B101L-SZ25XIT
Description  1 Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SZ25XIT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY14B101L-SZ25XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101L-SZ25XIT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY14B101L
Document Number: 001-06400 Rev. *J
Page 6 of 18
.
Table 2. Hardware Mode Selection
CE
WE
OE
A15 – A0
Mode
IO
Power
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active[3]
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active ICC2
[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active[1, 2, 3]
Notes
1. The six consecutive address locations are in the order listed. WE is HIGH during all six cycles to enable a nonvolatile cycle.
2. While there are 17 address lines on the CY14B101L, only the lower 16 lines are used to control software modes.
3. IO state depends on the state of OE. The IO table shown is based on OE Low.
[+] Feedback


Similar Part No. - CY14B101L-SZ25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SZ25XCT CYPRESS-CY14B101L-SZ25XCT Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SZ25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com