Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1808-2 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC1808-2
Description  Low Power Current Mode Push-Pull PWM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1808-2 Datasheet(HTML) 6 Page - Texas Instruments

  UCC1808-2 Datasheet HTML 1Page - Texas Instruments UCC1808-2 Datasheet HTML 2Page - Texas Instruments UCC1808-2 Datasheet HTML 3Page - Texas Instruments UCC1808-2 Datasheet HTML 4Page - Texas Instruments UCC1808-2 Datasheet HTML 5Page - Texas Instruments UCC1808-2 Datasheet HTML 6Page - Texas Instruments UCC1808-2 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
UCC1808-1/-2
UCC2808-1/-2
UCC3808-1/-2
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
1
10
100
1000
0
50
100
150
200
250
TIMING RESISTOR, RT (kOhms)
CT=100pF
CT=220pF
CT=330pF
CT=560pF
CT=820pF
CT=1000pF
TYPICAL CHARACTERISTIC CURVES
Figure 3. Typical oscillator frequency.
0
2
4
6
8
10
12
14
0
200
400
600
800
1000
1200
OSCILLATOR FREQUENCY (kHz)
IDD
with 1nF load
IDD
without load
VDD = 10v, T = +25°C
Figure 4. Typical IDD active current.
0
0.2
0.4
0.6
0.8
1
1.2
-55
-35
-15
5
25
45
65
85
105 125
TEMPERATURE (°C)
Figure 5. Typical COMP to CS offset vs. temperature.
0
20
40
60
80
100
120
140
160
180
1
100
10000
1000000
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
PHASE
GAIN
Figure 6. Typical error amplifier response.
0
20
40
60
80
100
120
0
2040
6080
100
TIMING RESISTOR (RT) kOhms
CT=1000pF
CT=820pF
CT=560pF
CT=330pF
CT=220pF
CT=100pF
Figure 7. Typical dead time between output stages.


Similar Part No. - UCC1808-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1800 TI-UCC1800 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC1800 TI-UCC1800 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC1800 TI1-UCC1800 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC1800 TI1-UCC1800 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
More results

Similar Description - UCC1808-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com