Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101K Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B101K
Description  1 Mbit (128K x 8) nvSRAM With Real Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101K Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B101K_09 Datasheet HTML 6Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 7Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 8Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 9Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 10Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 11Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 12Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 13Page - Cypress Semiconductor CY14B101K_09 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CY14B101K
Document Number: 001-06401 Rev. *I
Page 10 of 28
Figure 5. Interrupt Block Diagram
Figure 6. RTC Recommended Component Configuration
WDF - Watchdog Timer Flag
WIE - Watchdog Interrupt
PF - Power Fail Flag
PFE - Power Fail Enable
AF - Alarm Flag
AIE - Alarm Interrupt Enable
P/L - Pulse Level
H/L - High/Low
Enable
Watchdog
Timer
Power
Monitor
Clock
Alarm
VINT
WDF
WIE
PF
PFE
AF
AIE
P/L
Pin
Driver
H/L
INT
VCC
VSS
X1
X2
A0
A1
A2
A3
DQ 0
Recommended Values
Y1 = 32.768KHz
RF = 10M Ohm
C1 = 0 (install cap footprint, but leave unloaded)
C2 = 56 pF + 10% (do not vary from this value)
Note
4. Schottky diodes, (VF < 0.4V at IF=100mA) are recommended at pins A0 - A3 and DQ0 in applications where undershoot exceeds -0.5V. Please see application note
AN49947 for further details.
[+] Feedback


Similar Part No. - CY14B101K_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results

Similar Description - CY14B101K_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com