Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3582 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 3 Page - Linear Technology

  LT3582 Datasheet HTML 1Page - Linear Technology LT3582 Datasheet HTML 2Page - Linear Technology LT3582 Datasheet HTML 3Page - Linear Technology LT3582 Datasheet HTML 4Page - Linear Technology LT3582 Datasheet HTML 5Page - Linear Technology LT3582 Datasheet HTML 6Page - Linear Technology LT3582 Datasheet HTML 7Page - Linear Technology LT3582 Datasheet HTML 8Page - Linear Technology LT3582 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3582/LT3582-5/LT3582-12
3
3582512f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VSHDN = VIN unless otherwise noted. (Note 3)
Switching Regulator Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILIMIT_N
Inverting Switch Current Limit
l
490
600
720
mA
RON_P
Boost Switch On Resistance
ISWP = 200mA
500
RON_N
Inverting Switch On Resistance
ISWN = –400mA
560
IOFF_P
Boost Switch Leakage Current into
SWP pin
VSWP = 5V
0.01
0.5
μA
IOFF_N
Inverting Switch Leakage Current out
of SWN pin
VIN = 5.0, VSWN = 0.0
0.01
1
μA
RON_DIS
Output Disconnect Switch On
Resistance
VCAPP = 10V, RAMPP > 1.4V
1.4
Ω
ILIMIT_DIS
Output Disconnect Current Limit
l
124
155
186
mA
IVOUTP_PDS
VOUTP Power-Down Discharge
Current
VOUTP = 8V
2.4
4.8
8.8
mA
ICAPP_PDS
CAPP Power-Down Discharge
Current
CAPP = 8V
1.2
2.4
4.4
mA
IVOUTN_PDS
VOUTN Power-Down Discharge
Current
VOUTN = –8V
–1.4
–2.8
–4.2
mA
TSTARTUP
Configuration Startup Delay
VIN> VIN_MIN & SHDN > VSHDN_VIH to I2C
Enabled and Power-up Sequencing Start
l
64
128
μs
Programmable Output Characteristics6
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VVOUTP
Positive Output Voltage
LT3582-5
LT3582-12
l
l
4.95
11.88
5
12
5.05
12.1
V
V
N_VOUTP
Positive VOUTP Resolution2
9Bits
VVOUTP_LSB
VOUTP LSB2
25
mV
VVOUTP_FS
VOUTP Full Scale Voltage2
Code = BFh, VPLUS = 1
l
12.56
12.775
12.94
V
VVOUTP_MIN
VOUTP Minimum Voltage2
Code = 00h, VPLUS = 0
l
3.152
3.20
3.248
V
VVOUTP_LR
VOUTP Line Regulation
Code = BFh, 2.575 < VIN < 5.5
–0.02
%/V
VVOUTN
Negative Output Voltage
LT3582-5
LT3582-12
l
l
–5.075
–12.1
–5
–12
–4.925
–11.868
V
V
N_VOUTN
Negative VOUTN Resolution2
8Bits
VVOUTN_LSB
VOUTN LSB2
–50
mV
VVOUTN_FS
VOUTN Full Scale Voltage2
Code = FFh
l
–14.2
–13.95
–13.7
V
VVOUTN_MIN
VOUTN Minimum Voltage2
Code = 00h
l
–1.23
–1.205
–1.18
V
VVOUTN_LR
VOUTN Line Regulation
Code = FFh, 2.575 < VIN < 5.5
–0.01
%/V
INL_VOUTP
VOUTP Integral Nonlinearity2, 4
l
±0.6
LSB
DNL_VOUTP
VOUTP Differential Nonlinearity2, 4
l
±0.6
LSB
INL_VOUTN
VOUTN Integral Nonlinearity2
l
±0.85
LSB
DNL_VOUTN
VOUTN Differential Nonlinearity2
l
±0.85
LSB
IRAMP00
RAMPP/RAMPN Pull Up Current
IRMP Code = 00
VRAMPP = 0.0V
VRAMPN = 0.0V
l
0.7
1.0
1.3
μA
IRAMP01
RAMPP/RAMPN Pull Up Current2
IRMP Code = 01
VRAMPP = 0.0V
VRAMPN = 0.0V
l
1.4
2.0
2.6
μA


Similar Part No. - LT3582

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-12 LINER-LT3582-12 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
More results

Similar Description - LT3582

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
logo
Torex Semiconductor
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
   Inductor Built-in Inverting ?쐌icro DC/DC??Converters
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com