Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20496-24LQXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C20496-24LQXIT
Description  CapSense Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20496-24LQXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C20496-24LQXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20496-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
CY8C20X36/46/66/96
Document Number: 001-12696 Rev. *E
Page 4 of 39
Additional System Resources
System Resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include low voltage detection and
power on reset. The merits of each system resource are listed
here:
The I2C slave/SPI master-slave module provides 50/100/400
kHz communication over two wires. SPI communication over
three or four wires runs at speeds of 46.9 kHz to 3 MHz (lower
for a slower system clock).
The I2C hardware address recognition feature reduces the
already low power consumption by eliminating the need for
CPU intervention until a packet addressed to the target device
is received.
Low Voltage Detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced POR
(Power-On-Reset) circuit eliminates the need for a system
supervisor.
An internal reference provides an absolute reference for capac-
itive sensing.
A register-controlled bypass mode allows the user to disable
the LDO.
Standard Cypress PSoC IDE tools are available for debugging
the CY8C20x36/46/66/96 family of parts. However, the
additional trace length and a minimal ground plane in the Flex-
Pod can create noise problems that make it difficult to debug
the design. A custom bonded On-Chip Debug (OCD) device is
available in an 48-pin QFN package. The OCD device is
recommended for debugging designs that have high current
and/or high analog accuracy requirements. The QFN package
is compact and is connected to the ICE through a high density
connector.
Getting Started
The quickest way to understand PSoC silicon is to read this data
sheet and then use the PSoC Designer Integrated Development
Environment (IDE). This data sheet is an overview of the PSoC
integrated circuit and presents specific pin, register, and
electrical specifications.
For in depth information, along with detailed programming
details, see the PSoC® Programmable System-on-Chip™
Technical Reference Manual for CY8C20x36/46/66/96 PSoC
Devices.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PSoC device data sheets on the web
at www.cypress.com/psoc.
Application Notes
Application notes are an excellent introduction to the wide variety
of
possible
PSoC
designs.
They
are
located
here:
www.cypress.com/psoc. Select Application Notes under the
Documentation tab.
Development Kits
PSoC Development Kits are available online from Cypress at
www.cypress.com/shop and through a growing number of
regional and global distributors, which include Arrow, Avnet, Digi-
Key, Farnell, Future Electronics, and Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops) is available online at www.cypress.com/training. The
training covers a wide variety of topics and skill levels to assist
you in your designs.
CYPros Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to www.cypress.com/cypros.
Solutions Library
Visit our growing library of solution focused designs at
www.cypress.com/solutions. Here you can find various
application designs that include firmware and hardware design
files that enable you to complete your designs quickly.
Technical Support
For assistance with technical issues, search KnowledgeBase
articles and forums at www.cypress.com/support. If you cannot
find an answer to your question, call technical support at 1-800-
541-4736.
[+] Feedback


Similar Part No. - CY8C20496-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20496-24LQXIT CYPRESS-CY8C20496-24LQXIT Datasheet
1Mb / 39P
   CapSense Applications
More results

Similar Description - CY8C20496-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36 CYPRESS-CY8C20X36_09 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com