Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL2106ALBNT1 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ZL2106ALBNT1
Description  6A Digital-DC Synchronous Step-Down DC-DC Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2106ALBNT1 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ZL2106ALBNT1 Datasheet HTML 6Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 7Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 8Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 9Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 10Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 11Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 12Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 13Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ZL2106
10
Data Sheet Revision 2/19/2009
www.intersil.com
4. Typical Application Circuit
The following application circuit represents a typical implementation of the ZL2106. For PMBus operation, it is
recommended to tie the enable pin (EN) to SGND.
Figure 8. 12 V to 3.3 V / 6 A Application Circuit
(5 ms SS delay, 5 ms SS ramp)


Similar Part No. - ZL2106ALBNT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Renesas Technology Corp
ZL2106ALCF RENESAS-ZL2106ALCF Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106ALCFT INTERSIL-ZL2106ALCFT Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Renesas Technology Corp
ZL2106ALCFT RENESAS-ZL2106ALCFT Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
More results

Similar Description - ZL2106ALBNT1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com