Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL2106ALBNT1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ZL2106ALBNT1
Description  6A Digital-DC Synchronous Step-Down DC-DC Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2106ALBNT1 Datasheet(HTML) 5 Page - Intersil Corporation

  ZL2106ALBNT1 Datasheet HTML 1Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 2Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 3Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 4Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 5Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 6Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 7Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 8Page - Intersil Corporation ZL2106ALBNT1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ZL2106
5
Data Sheet Revision 2/19/2009
www.intersil.com
Table 3. Electrical Characteristics (continued)
VDDP = VDDS = 12 V, TA = -40 °C to 85 °C unless otherwise noted.
1 Typical values are at TA = 25 °C.
Parameter
Conditions
Min
Typ
Max
Unit
Tracking
VTRK input bias current
VTRK = 5.5 V
110
200
µA
VTRK tracking ramp accuracy
100% Tracking, VOUT - VTRK
-100
100
mV
VTRK regulation accuracy
100% Tracking, VOUT - VTRK
-1
1
%
Fault Protection Characteristics
UVLO threshold range
Configurable via I2C/SMBus
2.85
16
V
UVLO set-point accuracy
-150
150
mV
Factory default
3
%
UVLO hysteresis
Configurable via I2C/SMBus
0
100
%
UVLO delay
2.5
µs
Power good VOUT low threshold
Factory default
90
% VOUT
Power good VOUT high threshold
Factory default
115
% VOUT
Power good VOUT hysteresis
Factory default
5
%
Using pin-strap or resistor
2
20
ms
Power good delay
Configurable via I2C/SMBus
0
500
s
Factory default
85
% VOUT
VSEN undervoltage threshold
Configurable via I2C/SMBus
0
110
% VOUT
Factory default
115
% VOUT
VSEN overvoltage threshold
Configurable via I2C/SMBus
0
115
% VOUT
VSEN undervoltage hysteresis
5
% VOUT
Factory default
16
µs
VSEN undervoltage/ overvoltage fault
response time
Configurable via I2C/SMBus
5
60
µs
Factory default
9.0
A
Peak current limit threshold
Configurable via I2C/SMBus
0.2
9.0
A
Current limit set-point accuracy
±10
% FS 3
Factory default
5
tSW
10
Current limit protection delay
Configurable via I2C/SMBus
1
32
tSW
10
Factory default
125
°C
Thermal protection threshold
(junction temperature)
Configurable via I2C/SMBus
-40
125
°C
Thermal protection hysteresis
15
°C
Notes:
3. Percentage of Full Scale (FS) with temperature compensation applied.
4. The device requires a delay period following an enable signal and prior to ramping its output. Precise timing mode limits this
delay period to approx 2 ms, where in normal mode it may vary up to 4 ms.
5. Precise ramp timing mode is only valid when using EN pin to enable the device rather than PMBus enable. Precise ramp
timing mode is automatically disabled for a self-enabled device (EN pin tied high).
6. The devices may require up to a 4 ms delay following the assertion of the enable signal (normal mode) or following the de-
assertion of the enable signal. Precise mode requires Re-Enable delay = TOFF+TFALL+10 µs.
7. Switch node current should not exceed IRMS of 6 A.
8. Factory default is the initial value in firmware. The value can be changed via PMBus commands.
9. Maximum duty cycle is limited by the equation MAX_DUTY(%) = [1 - (150×10-9 × fSW)] × 100 and not to exceed 95%.
10. tSW = 1/fSW, where fSW is the switching frequency.


Similar Part No. - ZL2106ALBNT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Renesas Technology Corp
ZL2106ALCF RENESAS-ZL2106ALCF Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106ALCFT INTERSIL-ZL2106ALCFT Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Renesas Technology Corp
ZL2106ALCFT RENESAS-ZL2106ALCFT Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
More results

Similar Description - ZL2106ALBNT1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com