Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL2106 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ZL2106
Description  6A Digital-DC Synchronous Step-Down DC-DC Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2106 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ZL2106 Datasheet HTML 4Page - Intersil Corporation ZL2106 Datasheet HTML 5Page - Intersil Corporation ZL2106 Datasheet HTML 6Page - Intersil Corporation ZL2106 Datasheet HTML 7Page - Intersil Corporation ZL2106 Datasheet HTML 8Page - Intersil Corporation ZL2106 Datasheet HTML 9Page - Intersil Corporation ZL2106 Datasheet HTML 10Page - Intersil Corporation ZL2106 Datasheet HTML 11Page - Intersil Corporation ZL2106 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ZL2106
8
Data Sheet Revision 2/19/2009
www.intersil.com
3. Pin Descriptions
VSET
SA
SCL
SDA
SALRT
FC
PG
SYNC
DGND
ZL2106
SW
SW
SW
SW
SW
PGND
VDDP
SW
BST
Exposed Paddle
Connect to SGND
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
Figure 7. ZL2106 Pin Configurations (top view)
Table 4. Pin Descriptions
Pin
Label
Type
1
Description
1
PG
O
Power good. This pin transitions high 100 ms after output voltage stabilizes within
regulation band. Selectable open drain or push-pull output. Factory default is open drain.
2
DGND
PWR
Digital ground. Common return for digital signals. Connect to low impedance ground
plane.
3
SYNC
I/O, M2
Clock synchronization pin. Used to set switching frequency of internal clock or for
synchronization to external frequency reference.
4
VSET
I, M
Output voltage select pin. Used to set VOUT set-point and VOUT max.
5
SA
I, M
Serial address select pin. Used to assign unique SMBus address to each IC.
6
SCL
I/O
Serial clock. Connect to external host interface.
7
SDA
I/O
Serial data. Connect to external host interface.
8
SALRT
O
Serial alert. Connect to external host interface if desired.
9
FC
I, M
Loop compensation select pin. Used to set loop compensation.
10
CFG
I, M
Configuration pin. Used to control the SYNC pin, sequencing and enable tracking.
11
SS
I, M
Soft Start pin. Used to set the ramp delay and ramp time, sets UVLO and configure
tracking.
12
VTRK
I
Track sense pin. Used to track an external voltage source.
13
VSEN
I
Output voltage positive feedback sensing pin.
14
SGND
PWR
Common return for analog signals. Connect to low impedance ground plane.
15-19
PGND
PWR
Power ground. Common return for internal switching MOSFETs. Connect to low
impedance ground plane.
20-25
SW
I/O
Switching node (level-shift common).
26
BST
PWR
Bootstrap voltage for level-shift driver (referenced to SW).
Notes:
1. I = Input, O = Output, PWR = Power or Ground, M = Multi-mode pins.
2. The SYNC pin can be used as a logic pin, a clock input or a clock output.


Similar Part No. - ZL2106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
571Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
More results

Similar Description - ZL2106

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com