Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL2005P Datasheet(PDF) 10 Page - Intersil Corporation

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2005P Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ZL2005P Datasheet HTML 6Page - Intersil Corporation ZL2005P Datasheet HTML 7Page - Intersil Corporation ZL2005P Datasheet HTML 8Page - Intersil Corporation ZL2005P Datasheet HTML 9Page - Intersil Corporation ZL2005P Datasheet HTML 10Page - Intersil Corporation ZL2005P Datasheet HTML 11Page - Intersil Corporation ZL2005P Datasheet HTML 12Page - Intersil Corporation ZL2005P Datasheet HTML 13Page - Intersil Corporation ZL2005P Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
FN6849.0
February 18, 2009
4
ZL2005P Overview
4.1
Digital-DC Architecture
The ZL2005P is an innovative mixed-signal power
conversion and power management IC based on Zilker
Labs’ patented Digital-DC technology that provides
an integrated, high performance step-down converter
for a wide variety of power supply applications. Its
unique digital PWM loop utilizes an innovative
mixed-signal topology to enable precise control of the
power conversion process with no software required,
resulting in a very flexible device that is also easy to
use. An extensive set of power management functions
is fully integrated and can be configured using simple
pin connections or via the I2C/SMBus hardware inter-
face using standard PMBus commands. The user con-
figuration can be saved in an on-chip non-volatile
memory (NVM), allowing ultimate flexibility.
Once enabled, the ZL2005P is immediately ready to
regulate power and perform power management tasks
with no programming required. The ZL2005P can be
configured by simply connecting its pins according to
the tables provided in this document. Advanced con-
figuration options and real-time configuration changes
are available via the I2C/SMBus interface if desired,
and continuous monitoring of multiple operating
parameters is possible with minimal interaction from a
host controller. Integrated sub-regulation circuitry
enables single supply operation from any supply
between 3V and 14V with no secondary bias supplies
needed.
Zilker Labs provides a comprehensive set of on-line
tools and application notes to assist with power supply
design and simulation. An evaluation board is also
available to help the user become familiar with the
device. This board can be evaluated as a stand-alone
platform using pin configuration settings. Addition-
ally, a Windows™-based GUI is provided to enable
full configuration and monitoring capability via the
I2C/SMBus interface using an available computer and
the included USB cable.
Please refer to www.zilkerlabs.com for access to the
most up-to-date documentation and the PowerPilotTM
simulation tool, or call your local Zilker Labs’ sales
office to order an evaluation kit.
4.2
ZL2005 - ZL2005P
By default, the ZL2005P is configured as a standard
ZL2005 device.
The main differences between the ZL2005P config-
ured as a ZL2005P and the initial ZL2005 are the fol-
lowing:
TACH pin is not used (reserved for ZL2005P
POLA configuration).
VADJ pin to adjust voltage through an external
resistor, similar to POLA method.
Additional configuration option for Synchroniza-
tion.
DEFAULT STORE only
ZL2005P


Similar Part No. - ZL2005P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2005P RENESAS-ZL2005P Datasheet
1Mb / 41P
   Digital-DC??Controller with Drivers and POLA/DOSA Trim
logo
Intersil Corporation
ZL2005P INTERSIL-ZL2005P Datasheet
1Mb / 41P
   Digital-DC™ Controller with Drivers and POLA/DOSA Trim
December 16, 2011
ZL2005PALRFT INTERSIL-ZL2005PALRFT Datasheet
1Mb / 41P
   Digital-DC™ Controller with Drivers and POLA/DOSA Trim
December 16, 2011
ZL2005PALRFT1 INTERSIL-ZL2005PALRFT1 Datasheet
1Mb / 41P
   Digital-DC™ Controller with Drivers and POLA/DOSA Trim
December 16, 2011
More results

Similar Description - ZL2005P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2005P RENESAS-ZL2005P Datasheet
1Mb / 41P
   Digital-DC??Controller with Drivers and POLA/DOSA Trim
logo
Intersil Corporation
ZL2005PALRFT INTERSIL-ZL2005PALRFT Datasheet
1Mb / 41P
   Digital-DC™ Controller with Drivers and POLA/DOSA Trim
December 16, 2011
ZL6105 INTERSIL-ZL6105 Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Renesas Technology Corp
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
logo
Intersil Corporation
ZL6105ALAF INTERSIL-ZL6105ALAF Datasheet
943Kb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
December 19, 2013
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
803Kb / 34P
   Adaptive Digital DC/DC Controller with Drivers and Current Sharing
August 29, 2012
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
   Adaptive Digital DC-DC Controller with Drivers and Current Sharing
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
   Adaptive Digital DC/DC Controller with Drivers and Current Sharing
ZL2006 INTERSIL-ZL2006_14 Datasheet
776Kb / 45P
   Adaptive Digital DC-DC Controller with Drivers and Current Sharing
December 15, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com