Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54230IRTZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54230IRTZ-T
Description  Octal Multiprotocol Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54230IRTZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54230IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54230IRTZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN6825.2
May 28, 2009
unexpectedly shut down if transient voltages trigger the
POR.
Overvoltage and Short Circuit Considerations
The ISL54230 should be protected from overvoltage
conditions. The IC contains ESD protection diodes that are
back biased from the switch terminals to ground. Negative
voltages on the switch terminals that are large enough to
forward-bias these ESD protection diodes will result in a
large current flowing from ground that may destroy these
diodes. Thus, signals on the switch terminals should not
swing below ground and cannot exceed the specified
“Absolute Maximum Ratings” on page 5 for safe operation.
The ISL54230 can have signals that go above the positive
supply rail with no adverse effects up to +5.5V. The ESD
protection circuitry permits the signal from going beyond the
VDD supply (even with VDD = 0V) without inducing large
leakage currents on the switch pins when the supply voltage
is less than +5.5V. This feature complies with the USB 2.0
Specifications for short circuit protection in the event that the
5.25V VBUS line shorts to the USB signal lines.
Note: When the supply voltage is above the POR threshold
and a VBUS fault conditions occurs, the VBUS signal will be
passed to the other side of the switch if the logic control pins
are biased such that the switch is turned ON.
USB Switches (COM2x and COM3x)
The four USB FS and HS capable switches are bi-directional
analog switches that can pass rail-to-rail signals with
minimal distortion. With a 3.0V power supply, these switches
have a nominal ON-resistance of 6
Ω in the 0V to 400mV
signal range. The low capacitance and high bandwidth of the
switches makes them ideal for USB applications. They are
specifically designed to pass both USB FS (12Mbps) and
USB HS (480Mbps) differential signals while meeting the
USB 2.0 signal quality eye diagrams (Figures 25 and 26).
The USB switches are designed with integrated protection
circuitry for fault conditions as defined in the USB 2.0
Specifications-Section 7.1.1. If a condition where VBUS
(5.25V) is shorted to the D+ or D- pin this will not damage
the device, even without power to the IC.
1
Ω Switches (COM1A and COM4A) and 6Ω
Switches (COM1B and COM4B)
The two 1
Ω switches are bi-directional analog switches that
can pass rail-to-rail signals, making them well suited for
analog or digital signal routing. The low ON-resistance of the
switches makes them ideal for switching ON/OFF power
supply lines for applications that interface with devices that
require power (ie: SIM cards or flash memory devices). With
a ON-resistance of 1
Ω the power dissipation through the
switch is minimal.
The two 6
Ω switches are bi-directional analog switches that
can pass rail-to-rail signals, making them well suited for
analog or digital signal routing such as audio, UART or
Full-Speed USB.
The low ON-resistance of these switches are well suited for
passing audio signals with good THD performance, even
with low impedance loads such as 32
Ω headphones
(see Figure 24 for THD performance curves).
Logic Control Pins
The ISL54230 contains six logic control pins, IN1 through
IN4 for independently controlling each DPDT switch and two
OE enable pins. The logic control pins determine the state of
the switches. Refer to the “Input Select” and “OE Control”
Truth Tables on page 3.
When the OEx control pins are logic LOW, only the switches
on COM2x and COM3x are active and the switch state
determined by IN2 and IN3 respectively. When the OEx
control pins are logic HIGH, all switches are active and the
switch state determined by the INx control pins.
When the OEx control pins are in opposing logic states
either COM1x and COM2x are active or COM3x and COM4x
are active depending on what states OE1 and OE2 are at.
The active switches are controlled by the respective INx
control pin. This feature is useful for applications that
interface the ISL54230 to Master/Slave devices or
controlling two SIM cards in Dual SIM Card cellphones. The
OEx control pins permit total deactivation of each half of the
switch blocks to disable devices connected to those
switches.
LOGIC CONTROL VOLTAGE LEVELS
OEx = Logic “0” (Low) when VOEx 0.5V
OEx = Logic “1” (High) when VOEx 1.4V
INx = Logic “0” (Low) when VINx 0.5V
INx = Logic “1” (High) when VINx 1.4V
The logic control pins are +1.8V CMOS logic compatible (0.45V
VOLMAX and 1.35V VOHMIN) for supply voltages from +1.8V to
+3.6V. over a supply range of 1.8V to 3.3V (see Figure 23). At
3.6V the VIL level is 0.5V maximum. This is still below the 1.8V
CMOS guaranteed low output maximum level of 0.45V, but
noise margin is reduced. At 3.6V the VIH level is 1.4V minimum.
While this is above the 1.8V CMOS guaranteed high output
minimum of 1.35V under most operating conditions the switch
will recognize this as a valid logic high.
The digital input stages draws a larger supply current
whenever the digital input voltage is not at one of the supply
rails. Driving the digital input signals from GND to V+ with a
fast transition time minimizes power dissipation. The
ISL54230 has been designed to minimize the supply current
whenever the digital input voltage is not driven to the supply
rails (0V to V+). For example driving the device with 1.8V logic
high while operating with a 3.6V supply the device draws only
1µA of current.
ISL54230


Similar Part No. - ISL54230IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54230IRTZ-T INTERSIL-ISL54230IRTZ-T Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Renesas Technology Corp
ISL54230IRTZ-T RENESAS-ISL54230IRTZ-T Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
More results

Similar Description - ISL54230IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54230 RENESAS-ISL54230 Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
logo
Intersil Corporation
ISL54230 INTERSIL-ISL54230 Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com