Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY4605 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY4605
Description  EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4605 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY4605 Datasheet HTML 7Page - Cypress Semiconductor CY4605 Datasheet HTML 8Page - Cypress Semiconductor CY4605 Datasheet HTML 9Page - Cypress Semiconductor CY4605 Datasheet HTML 10Page - Cypress Semiconductor CY4605 Datasheet HTML 11Page - Cypress Semiconductor CY4605 Datasheet HTML 12Page - Cypress Semiconductor CY4605 Datasheet HTML 13Page - Cypress Semiconductor CY4605 Datasheet HTML 14Page - Cypress Semiconductor CY4605 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CY7C65621/31
Document #: 001-52934 Rev. **
Page 11 of 24
Hub Descriptor
Byte
All Speed
Field Name
Description
0
0x09
bLength
9 Bytes
1
0x29
bDescriptorType
Hub Descriptor
20x04[6]
0x02
bNbrPorts
Number of ports supported, CY7C65631.
Number of ports supported, CY7C65621.
3,4
0x0089[6]
wHubCharacteristics
b1, b0: Logical Power Switching Mode
00: Ganged power switching (all ports’ power at once)
01: Individual port power switching (Default in CY7C65621/31)
b2: Identifies a Compound Device,
0: Hub is not part of a compound device (Default in CY7C65621/31),
1: Hub is part of a compound device.
b4, b3: Overcurrent Protection Mode
00: Global Overcurrent Protection. The hub reports overcurrent as a
summation of all ports’ current draw, without a breakdown of individual port
overcurrent status.
01: Individual Port Overcurrent Protection. The hub reports overcurrent on a
per-port basis. Each port has an over-current status (Default in
CY7C65621/31).
1X: No Overcurrent Protection. This option is allowed only for bus powered
hubs that do not implement overcurrent protection.
b6, b5: TT Think Time
00: TT requires at most eight FS bit times of inter transaction gap on a full or
low speed downstream bus (Default in CY7C65621/31).
b7: Port Indicators Supported,
0: Port Indicators are not supported on its downstream facing ports and the
SetPortIndicator request has no effect.
1: Port Indicators are supported on its downstream facing ports and the
SetPortIndicator request controls the indicators. See Functional Overview and
Supported USB Requests. (Default in CY7C65621/31).
b15,. b8: Reserved
50x32[6]
bPwrOn2PwrGood
Time from when the port is powered to when the power is good on that port
60x28[6]
0xAE[6]
bHubContrCurrent
Maximum current requirement for the Hub Controller at full speed.
Maximum current requirement for the Hub Controller at high speed.
70x00[6]
bDeviceRemovable
Indicates if the logical port has a removable device attached (0 = removable,
1 = non removable)
80xFF[6]
bPortPwrCtrlMask
Required for compatibility with software written for 1.0 compliant devices
Note
6. This value is configured through the external EEPROM.
[+] Feedback


Similar Part No. - CY4605

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4605 CYPRESS-CY4605 Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY4605 CYPRESS-CY4605 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY4605

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com