Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54222IRUZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54222IRUZ-T
Description  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222IRUZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54222IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 13Page - Intersil Corporation ISL54222IRUZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6835.1
May 27, 2009
FIGURE 13. EYE PATTERN: 480Mbps WITH USB SWITCHES IN THE SIGNAL PATH
Typical Performance Curves TA = +25°C, Unless Otherwise Specified (Continued)
TIME SCALE (0.2ns/DIV)
VDD = 1.8V
ISL54222


Similar Part No. - ISL54222IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54222IRUZ-T INTERSIL-ISL54222IRUZ-T Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Similar Description - ISL54222IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com