Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65631-56LTXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C65631-56LTXCT
Description  EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65631-56LTXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C65631-56LTXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 11Page - Cypress Semiconductor CY7C65631-56LTXCT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CY7C65621/31
Document #: 001-52934 Rev. **
Page 8 of 24
Upstream Port
17
D–
D–
I/O/Z
Z
Upstream D– Signal.
18
D+
D+
I/O/Z
Z
Upstream D+ Signal.
Downstream Port 1
13
DD–[1]
DD–[1]
I/O/Z
Z
Downstream D– Signal.
14
DD+[1]
DD+[1]
I/O/Z
Z
Downstream D+ Signal.
36
AMBER#[1]
AMBER#[1]
Output
1
LED. Driver output for Amber LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
35
GREEN#[1]
GREEN#[1]
Output
1
LED. Driver output for Green LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
30
OVR#[1]
OVR#[1]
Input
1
Overcurrent Condition Detection Input. Default is Active
LOW. Polarity is controlled through EEPROM.
29
PWR#[1]
PWR#[1]
O/Z
Z
Power Switch Driver Output. Default is Active LOW. Polarity
is controlled through EEPROM.
Downstream Port 2
9
DD–[2]
DD–[2]
I/O/Z
Z
Downstream D– Signal.
10
DD+[2]
DD+[2]
I/O/Z
Z
Downstream D+ Signal.
38
AMBER#[2]
AMBER#[2]
Output
1
LED. Driver output for Amber LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
37
GREEN#[2]
GREEN#[2]
Output
1
LED. Driver output for Green LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
32
OVR#[2]
OVR#[2]
Input
1
Overcurrent Condition Detection Input. Default is Active
LOW. Polarity is controlled through EEPROM.
31
PWR#[2]
PWR#[2]
O/Z
Z
Power Switch Driver Output. Default is Active LOW. Polarity
is controlled through EEPROM.
Downstream Port 3
5
DD–[3]
NC
I/O/Z
Z
Downstream D– Signal.
6
DD+[3]
NC
I/O/Z
Z
Downstream D+ Signal.
42
AMBER#[3]
NC
Output
1
LED. Driver output for Amber LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
41
GREEN#[3]
NC
Output
1
LED. Driver output for Green LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
53
OVR#[3]
Reserved
Input
1
Overcurrent Condition Detection Input. Default is Active
LOW. Polarity is controlled through EEPROM.
Reserved. Pull to deasserted state with external resistor
(CY7C65620 only)
54
PWR#[3]
NC
O/Z
Z
Power Switch Driver Output. Default is Active LOW. Polarity
is controlled through EEPROM.
Downstream Port 4
1
DD–[4]
NC
I/O/Z
Z
Downstream D– Signal.
2
DD+[4]
NC
I/O/Z
Z
Downstream D+ Signal.
44
AMBER#[4]
NC
Output
1
LED. Driver output for Amber LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
43
GREEN#[4]
NC
Output
1
LED. Driver output for Green LED. Port Indicator Support.
Default is Active LOW. Polarity is controlled through EEPROM.
Table 3. Pin Assignments[3] (continued)
Pin
CY7C65631
Name
CY7C65621
Name
Type Default
Description
[+] Feedback


Similar Part No. - CY7C65631-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65631-56LTXCT CYPRESS-CY7C65631-56LTXCT Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65631-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com