Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4265-10AXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C4265-10AXI
Description  8K/16K x 18 Deep Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4265-10AXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C4265-10AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C4265-10AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CY7C4255, CY7C4265, CY7C4265A
Document #: 38-06004 Rev. *E
Page 5 of 23
Figure 2. AC Test Loads and Waveforms[10, 11]
Switching Characteristics Over the Operating Range
Parameter
Description
7C42X5-10
7C42X5,
7C4265A-15
7C42X5-25
7C42X5-35
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tS
Clock Cycle Frequency
100
66.7
40
28.6
MHz
tA
Data Access Time
2
8
2
10
2
15
2
20
ns
tCLK
Clock Cycle Time
10
15
25
35
ns
tCLKH
Clock HIGH Time
4.5
6
10
14
ns
tCLKL
Clock LOW Time
4.5
6
10
14
ns
tDS
Data Set Up Time
3
4
6
7
ns
tDH
Data Hold Time
0.5
1
1
2
ns
tENS
Enable Set Up Time
3
4
6
7
ns
tENH
Enable Hold Time
0.5
1
1
2
ns
tRS
Reset Pulse Width[12]
10
15
25
35
ns
tRSR
Reset Recovery Time
8
10
15
20
ns
tRSF
Reset to Flag and Output Time
10
15
25
35
ns
tPRT
Retransmit Pulse Width
30
35
45
55
ns
tRTR
Retransmit Recovery Time
60
65
75
85
ns
tOLZ
Output Enable to Output in Low Z[12]
00
0
0
ns
tOE
Output Enable to Output Valid
3
7383
12
3
15
ns
tOHZ
Output Enable to Output in High Z[13]
3
7383
12
3
15
ns
tWFF
Write Clock to Full Flag
8
10
15
20
ns
tREF
Read Clock to Empty Flag
8
10
15
20
ns
tPAFasynch Clock to Programmable Almost-Full Flag[13]
(Asynchronous mode, VCC/SMODE tied to VCC)
12
16
20
25
ns
tPAFsynch
Clock to Programmable Almost-Full Flag
(Synchronous mode, VCC/SMODE tied to VSS)
810
15
20
ns
tPAEasynch Clock to Programmable Almost-Empty Flag[14]
(Asynchronous mode, VCC/SMODE tied to VCC)
12
16
20
25
ns
tPAEsynch
Clock to Programmable Almost-Full Flag
(Synchronous mode, VCC/SMODE tied to VSS)
810
15
20
ns
tHF
Clock to Half-Full Flag
12
16
20
25
ns
tXO
Clock to Expansion Out
6
10
15
20
ns
3.0V
5V
OUTPUT
R1 1.1 K
Ω
R2
680
Ω
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
1.91V
Equivalent to:
THÉVENIN EQUIVALENT
410
Ω
ALL INPUT PULSES
[+] Feedback
[+] Feedback


Similar Part No. - CY7C4265-10AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4265-10AXI CYPRESS-CY7C4265-10AXI Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
More results

Similar Description - CY7C4265-10AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
AverLogic Technologies ...
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com