Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6420BIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6420BIRZ
Description  Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6420BIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6420BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 9Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 10Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 11Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 12Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 13Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 14Page - Intersil Corporation ISL6420BIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN6901.0
April 27, 2009
GPIO1/REFIN
This is a dual function pin. If VMSET/MODE is not connected
to VCC5 then this pin serves as GPIO1. Refer to Table 3 for
GPIO commands interpretation.
If VMSET/MODE is connected to VCC5 then this pin will
serve as REFIN. As REFIN, this pin is the non-inverting input
to the error amplifier. Connect the desired reference voltage
to this pin in the range of 0.6V to 1.25V.
Connect this pin to VCC5 to use internal reference.
REFOUT
It provides buffered reference output for REFIN. Connect
2.2µF decoupling capacitor to this pin.
VMSET/MODE
This pin is a dual function pin. Tie this pin to VCC5 to disable
voltage margining. When not tied to VCC5, this pin serves as
VMSET. Connect a resistor from this pin to ground to set
delta for voltage margining. If voltage margining and external
reference tracking mode are not needed, this pin can be tied
directly to ground.
GPIO2
This is general purpose IO pin for voltage margining. Refer
to Table 3.
Exposed Thermal Pad
This pad is electrically isolated. Connect this pad to the
signal ground plane using at least five vias for a robust
thermal conduction path.
Functional Description
Initialization
The ISL6420B automatically initializes upon receipt of power.
The Power-On Reset (POR) function monitors the internal bias
voltage generated from LDO output (VCC5) and the ENSS pin.
The POR function initiates the soft-start operation after the
VCC5 exceeds the POR threshold. The POR function inhibits
operation with the chip disabled (ENSS pin <1V).
The device can operate from an input supply voltage of 5.6V
to 28V connected directly to the VIN pin using the internal 5V
linear regulator to bias the chip and supply the gate drivers.
For 5V ±10% applications, connect VIN to VCC5 to bypass
the linear regulator.
Soft-Start/Enable
The ISL6420B soft-start function uses an internal current
source and an external capacitor to reduce stresses and
surge current during start-up.
When the output of the internal linear regulator reaches the
POR threshold, the POR function initiates the soft-start
sequence. An internal 10µA current source charges an
external capacitor on the ENSS pin linearly from 0V to 3.3V.
When the ENSS pin voltage reaches 1V typically, the
internal 0.6V reference begins to charge following the dv/dt
of the ENSS voltage. As the soft-start pin charges from 1V to
1.6V, the reference voltage charges from 0V to 0.6V.
Figure 9 shows a typical soft-start sequence.
TABLE 2. VOLTAGE MARGINING/DDR OR TRACKING SUPPLY PIN CONFIGURATION
FUNCTION/MODES
PIN CONFIGURATIONS
VMSET/MODE
REFOUT
GPIO1/REFIN
(Note 9)
GPIO2
(Note 9)
Enable Voltage Margining
Pin Connected to GND
with resistor. It is used
as VMSET.
Connect a 2.2µF capacitor
for bypass of external
reference.
Serves as a general
purpose I/O. Refer to
Table 3.
Serves as a general
purpose I/O. Refer to
Table 3.
No Voltage Margining. Normal operation
with internal reference. Buffered
VREFOUT = 0.6V.
H
Connect a 2.2µF capacitor
to GND.
H (Note 10)
L
No Voltage Margining. External
reference. Buffered VREFOUT = VREFIN
H
Connect a 2.2µF capacitor
to GND.
Connect to an external
reference voltage source
(0.6V to 1.25V)
L
NOTES:
9. The GPIO1/REFIN and GPIO2 pins cannot be left floating.
10. Ensure that GPIO1/REFIN is tied high prior to the logic change at VMSET/MODE.
TABLE 3. VOLTAGE MARGINING CONTROLLED BY GPIO1
AND GPIO2
GPIO1
GPIO2
VOUT
L
L
No Change
LH
+
ΔVOUT
HL
-
ΔVOUT
H
H
Ignored
ISL6420B


Similar Part No. - ISL6420BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420BIRZ RENESAS-ISL6420BIRZ Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420BIRZ-TK RENESAS-ISL6420BIRZ-TK Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6420BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420B RENESAS-ISL6420B Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com