Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2750N Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2750N
Description  Low Power Pulse Width Modulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2750N Datasheet(HTML) 6 Page - Texas Instruments

  UCC2750N Datasheet HTML 1Page - Texas Instruments UCC2750N Datasheet HTML 2Page - Texas Instruments UCC2750N Datasheet HTML 3Page - Texas Instruments UCC2750N Datasheet HTML 4Page - Texas Instruments UCC2750N Datasheet HTML 5Page - Texas Instruments UCC2750N Datasheet HTML 6Page - Texas Instruments UCC2750N Datasheet HTML 7Page - Texas Instruments UCC2750N Datasheet HTML 8Page - Texas Instruments UCC2750N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
UCC1570
UCC2570
UCC3570
Frequency Set
A capacitor from FREQ to GND will determine a constant
clock frequency. Frequency is:
()
F
RCT
=
18
4
.
If required, frequency can be trimmed down from the
above equation by the addition of RT from FREQ to GND.
The reduction in frequency is a function of the ratio of
RT/R4. RT should be greater than 2.4 • R4 for reliable op-
eration.
External synchronization can be accomplished by cou-
pling a narrow pulse to a resistor inserted in series with
the ground side of CT. The value should be less than
R4/200 and the synchronizing pulse width should be less
than 5% of the oscillator period.
External synchronization can also be accomplished by
driving FREQ with an CMOS inverter. The inverter must
be able to sink (4
• I4) with at a voltage less than the
3.5V upper threshold of the oscillator. It must also be
able to source 36
• I4 at a voltage greater than the 1.5V
lower threshold of the oscillator. As long as FREQ is held
high, the output is guaranteed to be low.
Gate Drive Output
The UCC1570 is capable of 1A peak output current. By-
pass VCC with at least 0.1
µF directly to PGND. Use a
capacitor with low equivalent series resistance and in-
ductance. The connection from OUT to the MOSFET
gate should have a 2
Ω or greater damping resistor and
the length should be minimized. A low impedance con-
nection must be established between the MOSFET
source (or the ground side of the current sense resistor),
the VCC bypass capacitor and PGND. PGND should
then be connected by a single path (shown as RGND in
the application) to GND.
APPLICATION INFORMATION (cont.)
HIGH VIN
CLOCK
FEEDBK
RAMP
OUT
LOW VIN
FAULT VIN
Figure 2. Ramp and PWM waveforms.


Similar Part No. - UCC2750N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2750 TI-UCC2750 Datasheet
257Kb / 11P
[Old version datasheet]   Source Ringer Controller
UCC2750DW TI1-UCC2750DW Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
UCC2750DWG4 TI1-UCC2750DWG4 Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
More results

Similar Description - UCC2750N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A_1 Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com