Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6324AIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6324AIRZ
Description  Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6324AIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6324AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6324AIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
FN6880.0
March 23, 2009
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.2V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +15V
Absolute Boot Voltage (VBOOT). . . . . . . . GND - 0.3V to GND + 36V
Phase Voltage (VPHASE) . . . . . . . . GND - 0.3V to 15V (PVCC = 12)
GND - 8V (<400ns, 20µJ) to 24V (<200ns, VBOOT-PHASE = 12V)
Upper Gate Voltage (VUGATE). . . . VPHASE - 0.3V to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
Lower Gate Voltage (VLGATE) . . . . . . . GND - 0.3V to PVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to PVCC+ 0.3V
Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V
Thermal Resistance
θ
JA (°C/W)
θ
JC (°C/W)
QFN Package (Notes 1, 2) . . . . . . . . . .
30
2
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
PVCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . +5V to 12V ±5%
Ambient Temperature
ISL6324ACRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ISL6324AIRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. Limits should be considered typical and are not production tested.
Electrical Specifications
Recommended Operating Conditions (0°C to +70°C), Unless Otherwise Specified. Parameters with MIN and/or
MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BIAS SUPPLIES
Input Bias Supply Current
IVCC; EN = high
15
22
25
mA
Gate Drive Bias Current - PVCC1_2 Pin
IPVCC1_2; EN = high
1
1.8
3
mA
Gate Drive Bias Current - PVCC_NB Pin
IPVCC_NB; EN = high
0.3
0.9
2
mA
VCC POR (Power-On Reset) Threshold
VCC Rising
4.20
4.35
4.50
V
VCC Falling
3.70
3.85
4.05
V
PVCC POR (Power-On Reset) Threshold
PVCC Rising
4.20
4.35
4.50
V
PVCC Falling
3.70
3.85
4.05
V
PWM MODULATOR
Oscillator Frequency Accuracy, fSW
RT = 100kΩ (±0.1%) to Ground, (All Temps)
(Droop Enabled)
225
250
265
kHz
RT = 100kΩ (±0.1%) to VCC, TA = 0°C to +70°C
(Droop Disabled)
245
275
310
kHz
RT = 100kΩ (±0.1%) to VCC, TA = -40°C to +85°C
(Droop Disabled)
240
275
310
kHz
Typical Adjustment Range of Switching
Frequency
(Note 3)
0.08
1.0
MHz
Oscillator Ramp Amplitude, VP-P
(Note 3)
1.50
V
Maximum Duty Cycle
(Note 3)
99.5
%
CONTROL THRESHOLDS
EN Rising Threshold
0.80
0.88
0.92
V
EN Hysteresis
70
130
190
mV
PWROK Input HIGH Threshold
1.1
V
PWROK Input LOW Threshold
0.95
V
VDDPWRGD Sink Current
Open drain, V_VDDPWRGD = 400mV
4
mA
PWM Channel Disable Threshold
VISEN3-, VISEN4-, VISEN2-
4.4
V
ISL6324A
ISL6324A


Similar Part No. - ISL6324AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6324AIRZ INTERSIL-ISL6324AIRZ Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6324AIRZ RENESAS-ISL6324AIRZ Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
More results

Similar Description - ISL6324AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B RENESAS-ISL6323B Datasheet
1Mb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
logo
Intersil Corporation
ISL6323A INTERSIL-ISL6323A Datasheet
840Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6323B INTERSIL-ISL6323B Datasheet
842Kb / 35P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324A INTERSIL-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
logo
Renesas Technology Corp
ISL6323A RENESAS-ISL6323A Datasheet
1Mb / 37P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
Mar 23, 2009
ISL6324 RENESAS-ISL6324 Datasheet
1Mb / 38P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
ISL6324A RENESAS-ISL6324A Datasheet
1Mb / 39P
   Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
logo
Intersil Corporation
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
Renesas Technology Corp
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com