Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399BN-15VXA Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1399BN-15VXA
Description  256K (32K x 8) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399BN-15VXA Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1399BN-15VXA Datasheet HTML 1Page - Cypress Semiconductor CY7C1399BN-15VXA Datasheet HTML 2Page - Cypress Semiconductor CY7C1399BN-15VXA Datasheet HTML 3Page - Cypress Semiconductor CY7C1399BN-15VXA Datasheet HTML 4Page - Cypress Semiconductor CY7C1399BN-15VXA Datasheet HTML 5Page - Cypress Semiconductor CY7C1399BN-15VXA Datasheet HTML 6Page - Cypress Semiconductor CY7C1399BN-15VXA Datasheet HTML 7Page - Cypress Semiconductor CY7C1399BN-15VXA Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY7C1399BN
Document #: 001-06490 Rev. *A
Page 2 of 8
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage on VCC to Relative GND[2] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[2] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[2].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Pin Configuration
22
23
24
25
26
27
28
1
2
5
10
11
15
14
13
12
16
19
18
17
Top View
TSOP
3
4
20
21
7
6
8
9
OE
A1
A2
A3
A4
WE
VCC
A5
A6
A7
A8
A9
A0
CE
I/O7
I/O6
I/O5
GND
I/O2
I/O1
I/O4
I/O0
A14
A10
A11
A13
A12
I/O3
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
3.3V
±300 mV
Industrial
–40
°C to +85°C
Automotive-A
–40
°C to +85°C
Electrical Characteristics Over the Operating Range[1]
Parameter
Description
Test Conditions
-12
-15
-20
Unit
Min.
Max. Min. Max. Min. Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC+
0.3V
2.2
VCC+
0.3V
2.2
VCC+
0.3V
V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current
–1
+1
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND
≤ VI ≤ VCC,
Output Disabled
–5
+5
–5
+5
–5
+5
µA
ICC
VCC Operating
Supply Current
VCC = Max., IOUT = 0 mA,
f = fMAX = 1/tRC
55
50
45
mA
ISB1
Automatic CE
Power-Down
Current—
TTL Inputs
Max. VCC, CE ≥ VIH,
VIN ≥ VIH, or VIN ≤ VIL,
f = fMAX
Comm’l
5
5
5
mA
Comm’l (L)
4
4
mA
Ind’l
5
5
Auto-A
5
ISB2
Automatic CE
Power-Down
Current— CMOS
Inputs[3]
Max. VCC, CE ≥ VCC – 0.3V,
VIN ≥ VCC – 0.3V, or VIN ≤ 0.3V,
WE
≥VCC– 0.3V or WE ≤ 0.3V,
f=fMAX
Comm’l
500
500
500
µA
Comm’l (L)
50
50
µA
Ind’l
500
500
µA
Auto-A
500
µA
Notes:
2. Minimum voltage is equal to – 2.0V for pulse durations of less than 20 ns.
3. Device draws low standby current regardless of switching on the addresses.


Similar Part No. - CY7C1399BN-15VXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399BN-15VXA CYPRESS-CY7C1399BN-15VXA Datasheet
308Kb / 8P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C1399BN-15VXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com