Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1424JV18-300BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1424JV18-300BZC
Description  36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1424JV18-300BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1424JV18-300BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1424JV18-300BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1422JV18, CY7C1429JV18
CY7C1423JV18, CY7C1424JV18
Document #: 001-44699 Rev. *B
Page 9 of 28
Echo Clocks
Echo clocks are provided on the DDR-II to simplify data capture
on high speed systems. Two echo clocks are generated by the
DDR-II. CQ is referenced with respect to C and CQ is referenced
with respect to C. These are free-running clocks and are
synchronized to the output clock of the DDR-II. In the single clock
mode, CQ is generated with respect to K and CQ is generated
with respect to K. The timing for the echo clocks is shown in
Switching Characteristics on page 23.
DLL
These chips use a Delay Lock Loop (DLL) that is designed to
function between 120 MHz and the specified maximum clock
frequency. During power up, when the DOFF is tied HIGH, the
DLL is locked after 1024 cycles of stable clock. The DLL can also
be reset by slowing or stopping the input clocks K and K for a
minimum of 30 ns. However, it is not necessary to reset the DLL
to lock it to the desired frequency. The DLL automatically locks
1024 clock cycles after a stable clock is presented. The DLL may
be disabled by applying ground to the DOFF pin. For information
refer to the application note AN5062 “DLL Considerations in
QDRII/DDRII/QDRII+/DDRII+”.
Application Example
Figure 1 shows four DDR-II SIO used in an application.
Figure 1. Application Example
LD
#
R/W
#
B
W
#
Vt = VREF
CC#
CQ
CQ#
K#
ZQ
Q
D
K
CC# K
BUS
MASTER
(CPU
or
ASIC)
SRAM 1
SRAM 4
DATA IN
DATA OUT
Address
LD#
R/W#
BWS#
SRAM 1 Input CQ
SRAM 1 Input CQ#
SRAM 4 Input CQ
SRAM 4 Input CQ#
Source K
Source K#
Delayed K
Delayed K#
R=50Ohms
R = 250Ohms
CQ
CQ#
K#
ZQ
Q
LD
#
R/W
#
B
W
S
#
LD
#
R/W
#
Vt
Vt
Vt
R
R
R
A
A
D
R = 250Ohms
B
W
S
#
[+] Feedback


Similar Part No. - CY7C1424JV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1424AV18 CYPRESS-CY7C1424AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1424AV18-167BZC CYPRESS-CY7C1424AV18-167BZC Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1424AV18-167BZI CYPRESS-CY7C1424AV18-167BZI Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1424AV18-167BZXC CYPRESS-CY7C1424AV18-167BZXC Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1424AV18-167BZXI CYPRESS-CY7C1424AV18-167BZXI Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1424JV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com