Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1354DV25-166BZI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1354DV25-166BZI
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354DV25-166BZI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1354DV25-166BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1354DV25-166BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CY7C1354DV25
CY7C1356DV25
Document #: 001-48974 Rev. *A
Page 4 of 29
119-Ball BGA Pinout CY7C1354DV25 (256K x 36)
1
2
3
4
5
6
7
A
VDDQ
A
A
NC/18M
A
A
VDDQ
B
NC/576M
CE2
AADV/LD
ACE3
NC
C
NC/1G
A
A
VDD
AA
NC
D
DQc
DQPc
VSS
NC
VSS
DQPb
DQb
E
DQc
DQc
VSS
CE1
VSS
DQb
DQb
F
VDDQ
DQc
VSS
OE
VSS
DQb
VDDQ
G
DQc
DQc
BWc
ABWb
DQb
DQb
H
DQc
DQc
VSS
WE
VSS
DQb
DQb
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
DQd
DQd
VSS
CLK
VSS
DQa
DQa
L
DQd
DQd
BWd
NC
BWa
DQa
DQa
M
VDDQ
DQd
VSS
CEN
VSS
DQa
VDDQ
N
DQd
DQd
VSS
A1
VSS
DQa
DQa
P
DQd
DQPd
VSS
A0
VSS
DQPa
DQa
R
NC/144M
A
MODE
VDD
NC
A
NC/288M
T
NC
NC/72M
A
A
A
NC/36M
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
119-Ball BGA Pinout CY7C1356DV25 (512K x 18)
1
2
3
4
5
6
7
A
VDDQ
A
A
NC/18M
A
A
VDDQ
B
NC/576M
CE2
AADV/LD
ACE3
NC
C
NC/1G
A
A
VDD
AA
NC
D
DQb
NC
VSS
NC
VSS
DQPa
NC
E
NC
DQb
VSS
CE1
VSS
NC
DQa
F
VDDQ
NC
VSS
OE
VSS
DQa
VDDQ
G
NC
DQb
BWb
AVSS
NC
DQa
H
DQb
NC
VSS
WE
VSS
DQa
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQb
VSS
CLK
VSS
NC
DQa
L
DQb
NC
VSS
NC
BWa
DQa
NC
M
VDDQ
DQb
VSS
CEN
VSS
NC
VDDQ
N
DQb
NC
VSS
A1
VSS
DQa
NC
P
NC
DQPb
VSS
A0
VSS
NC
DQa
R
NC/144M
A
MODE
VDD
NC
A
NC/288M
T
NC/72M
A
A
NC/36M
A
A
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
Pin Configuration (continued)
The pin configuration for CY7C1354DV25 and CY7C1356DV25 follow.
[+] Feedback


Similar Part No. - CY7C1354DV25-166BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A-100ACI CYPRESS-CY7C1354A-100ACI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A-100BGCI CYPRESS-CY7C1354A-100BGCI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A-133ACI CYPRESS-CY7C1354A-133ACI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1354DV25-166BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com