Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C146-45JI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C146-45JI
Description  2K x 8 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C146-45JI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C146-45JI Datasheet HTML 5Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 6Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 7Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 8Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 9Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 10Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 11Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 12Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Document #: 38-06031 Rev. *E
Page 9 of 15
Figure 8. Write Cycle No. 2 (R/W Three-States Data I/Os—Either Port)[12, 21]
Figure 9. Busy Timing Diagram No. 1 (CE Arbitration)
Switching Waveforms (continued)
tAW
tWC
tSCE
tSA
tPWE
tHD
tSD
tHZWE
tHA
HIGH IMPEDANCE
CE
R/W
ADDRESS
DOUT
DATAIN
tLZWE
DATA VALID
ADDRESS MATCH
tPS
CEL Valid First:
tBLC
tBHC
ADDRESS MATCH
tPS
tBLC
tBHC
BUSYL
CER
CEL
ADDRESSL,R
BUSYR
CEL
CER
ADDRESSL,R
CER Valid First:
Note
21. If the CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in a high impedance state.
[+] Feedback


Similar Part No. - CY7C146-45JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146-45JI CYPRESS-CY7C146-45JI Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
CY7C146-45JI CYPRESS-CY7C146-45JI Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C146-45JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com